Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 199Page - National Semiconductor (TI) PC87591L Datasheet HTML 200Page - National Semiconductor (TI) PC87591L Datasheet HTML 201Page - National Semiconductor (TI) PC87591L Datasheet HTML 202Page - National Semiconductor (TI) PC87591L Datasheet HTML 203Page - National Semiconductor (TI) PC87591L Datasheet HTML 204Page - National Semiconductor (TI) PC87591L Datasheet HTML 205Page - National Semiconductor (TI) PC87591L Datasheet HTML 206Page - National Semiconductor (TI) PC87591L Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
203
www.national.com
ACB Status Register (ACBnST)
The ACBnST register maintains current ACB status. Some of its bits may be cleared by software, as described below. On
reset, and when the module is disabled, ACBnST is cleared (0016).
Location: Channel - 1 00 FF6216
Channel - 2 00 FFE216
Type: varies per bit
Bit
76543210
Name
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
Reset
00000000
Bit
Type
Description
0RO
XMIT (Transmit Mode).
0: ACB not in master/slave Transmit mode
1: ACB in master/slave Transmit mode
1RO
MASTER (Master Mode).
0: Arbitration loss (BER is set) or Stop Condition occurred
1: ACB in Master mode (successful request for bus mastership)
2
R/W1C NMATCH (New Match). The bit is set when the address byte following a Start Condition or a
repeated start causes an address match, ARP address match or a global call match. NMATCH is
cleared by writing 1 to it. Writing 0 to NMATCH is ignored. If INTEN in ACBnCTL1 register is set, an
interrupt is sent when this bit is set.
3
R/W1C STASTR (Stall After Start). The bit is set by the successful completion of sending an address (i.e.,
a Start Condition sent without a bus error or negative acknowledge), if STASTRE in ACBnCTL1
register is set. This bit is ignored in Slave mode. When STASTR is set, it stalls the ACCESS.bus (by
pulling down the SCL line) and suspends any further action on the bus (e.g., receiving the first byte
in Master Receive mode). In addition, if INTEN in ACBnCTL1 register is set, it also causes the ACB
module to send an interrupt to the core. Writing 1 to STASTR clears it. It is also cleared when the
module is disabled and is always cleared when STASTRE is cleared. Writing 0 to STASTR has no
effect.
4
R/W1C NEGACK (Negative Acknowledge). The bit is set by hardware when a transmission is not
acknowledged on the ninth clock (in this case, SDAST is not set). Writing 1 to NEGACK clears it. It is
also cleared when the module is disabled. Writing 0 to NEGACK is ignored.
5
R/W1C BER (Bus Error). The bit is set by the hardware when a Start or Stop Condition is detected during
data transfer (i.e., Start or Stop Condition during the transfer of bits 2 through 8 and acknowledge
cycle) or when an arbitration problem is detected. Writing 1 to BER clears it. It is also cleared when
the module is disabled. Writing 0 to BER is ignored.
6RO
SDAST (SDA Status). When set, this bit indicates that the SDA data register is waiting for data
(Transmit mode - master or slave) or holds data that should be read (Receive mode - master or
slave). This bit is cleared when reading from ACBnSDA register during a receive or when written to
during a transmit. When START in the ACBnCTL1 is set, reading ACBnSDA register does not clear
SDAST. This enables the ACB to send a repeated start in Master Receive mode.
7
R/W1C SLVSTP (Slave Stop). When set, SLVSTP indicates that a Stop Condition was detected after a slave
transfer (i.e., after a slave transfer in which MATCH or GCMATCH was set). Writing 1 to SLVSTP
clears it. It is also cleared when the module is disabled. Writing 0 to SLVSTP is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com