Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 205Page - National Semiconductor (TI) PC87591L Datasheet HTML 206Page - National Semiconductor (TI) PC87591L Datasheet HTML 207Page - National Semiconductor (TI) PC87591L Datasheet HTML 208Page - National Semiconductor (TI) PC87591L Datasheet HTML 209Page - National Semiconductor (TI) PC87591L Datasheet HTML 210Page - National Semiconductor (TI) PC87591L Datasheet HTML 211Page - National Semiconductor (TI) PC87591L Datasheet HTML 212Page - National Semiconductor (TI) PC87591L Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
209
www.national.com
4.14.3 Voltage Level
VCC supply is the reference and full scale (FS) voltage for the D/A converter. This enables ratiometric voltage measurement
(parts of FS), were VCC is used to power an external voltage divider connected to the KBSINn inputs.
The 6-bit Voltage Level Data field (VOLTLVL) in VOLDATn (n = 0 to 7) registers and the Comparison Threshold Data field
(THRSHD5-THRSHD0) in THRDAT register are converted to input voltage, according to input voltage ratio (to FS), as
shown in Figure 75.
D/A Converter
(6-bit)
Control
Logic
Voltage In0
Interrupt
System
Peripheral Bus
ACM
Clock
+
+
+
Voltage In1
Voltage In7
Comparison
Control/Status
LFCLK
Figure 74. ACM Functional Diagram
T0IN
Result
PC87591x
KBSIN1
KBSIN7
KBSIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com