Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 208Page - National Semiconductor (TI) PC87591L Datasheet HTML 209Page - National Semiconductor (TI) PC87591L Datasheet HTML 210Page - National Semiconductor (TI) PC87591L Datasheet HTML 211Page - National Semiconductor (TI) PC87591L Datasheet HTML 212Page - National Semiconductor (TI) PC87591L Datasheet HTML 213Page - National Semiconductor (TI) PC87591L Datasheet HTML 214Page - National Semiconductor (TI) PC87591L Datasheet HTML 215Page - National Semiconductor (TI) PC87591L Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
212
Revision 1.07
Low-Power Threshold Comparison Mode (ACMMOD = 112)
1. Set the desired threshold value in bits THRSHD(5-0) in THRDAT register.
2. Start a new periodic, low-power threshold comparison by setting START in ACMCTS register to 1.
3. When there is an input under (or over) threshold event, software can detect the event by waiting for OVUNTHEV in
ACMCTS register to be set to 1.
4. Read comparison result for inputs 0 to 7 by reading bits CMPIN(0-7) in CMPRES register.
5. Clear the event flag (release the ACM interrupt if enabled) by writing 1 to OVUNTHEV in ACMCTS register.
Polling Driven Operation. Valid measurement results may be retrieved by polling the event flags in ACMCTS register,
EOMEV, EOCEV or OVUNTHEV, according to the selected operation mode. After reading the relevant data, clear the polled
event flag by writing 1.
Interrupt Driven Operation. When receiving an active ACM interrupt request, the software should check the two event
flags, EOMEV or OVUNTHEV, to identify the source of the interrupt. After reading the relevant data, clear (by setting to 1)
the event flag that caused the interrupt. Clearing the flag releases the ACM interrupt request.
4.14.5 ACM Registers
The ACM control/status and data out register set interfaces with the core through the Peripheral bus.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
ACM Register Map
The ACM register set contains four control and status registers and nine data out registers.
Table 27. ACM Register Map
Mnemonic
Register Name
Type
ACMCTS
ACM Control and Status
Varies per bit
ACMCNF
ACM Configuration
R/W
ACMTIM
ACM Timing Control
R/W
THRDAT
Comparison Threshold Data
R/W
CMPRES
Comparison Result
RO
Reserved
VOLDAT0
Voltage Level Data - Input 0
RO
VOLDAT1
Voltage Level Data - Input 1
RO
VOLDAT2
Voltage Level Data - Input 2
RO
VOLDAT3
Voltage Level Data - Input 3
RO
VOLDAT4
Voltage Level Data - Input 4
RO
VOLDAT5
Voltage Level Data - Input 5
RO
VOLDAT6
Voltage Level Data - Input 6
RO
VOLDAT7
Voltage Level Data - Input 7
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com