Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 349 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 349 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 345Page - National Semiconductor (TI) PC87591L Datasheet HTML 346Page - National Semiconductor (TI) PC87591L Datasheet HTML 347Page - National Semiconductor (TI) PC87591L Datasheet HTML 348Page - National Semiconductor (TI) PC87591L Datasheet HTML 349Page - National Semiconductor (TI) PC87591L Datasheet HTML 350Page - National Semiconductor (TI) PC87591L Datasheet HTML 351Page - National Semiconductor (TI) PC87591L Datasheet HTML 352Page - National Semiconductor (TI) PC87591L Datasheet HTML 353Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
349
www.national.com
Table 58. Keyboard Configuration Registers
6.1.11 Shared Memory Configuration
Logical Device 15 (0F16) (Shared Memory) Configuration
Table 59 lists the configuration registers that affect the shared memory functional block. The shared memory base address
registers point to the shared memory registers described in Section 5.3 on page 297. The memory space to which the shared
memory responds is defined by the configuration registers in the following sections. See “Standard Logical Device Config-
uration Register Definitions” on page 337 and Section 6.1.2 on page 340 for a detailed description of the other configuration
registers.
Table 59. Shared Memory Configuration Registers
Index
Keyboard Configuration Register or Action
Type
Reset
3016
Activate. See also bit 0 of the SIOCF1.
R/W
0016
6016
Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000’.
R/W
0016
6116
Base Address LSB register. Bits 2-0 are read only, ‘000’.
R/W
6016
6216
Command Base Address MSB register. Bits 7-3 (for A15-11) are read only,
‘00000’.
R/W
0016
6316
Command Base Address LSB. Bits 2-0 are read only, ‘100’.
R/W
6416
7016
KBD Interrupt Number and Wake-Up on IRQ Enable register.
R/W
0116
7116
KBD Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
0316
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416
Index
Configuration Register or Action
Type
Reset
3016
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
0016
6016
Base Address MSB register.
R/W
0016
6116
Base Address LSB register. Bits 3-0 (for A3-A0) are read only, ‘0000’.
R/W
0016
7016
No interrupt assignment.
RO
0016
7116
No interrupt assignment.
RO
0016
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416
F416
Shared Memory Configuration register.
R/W
0016 or 0916, de-
pending on the
value of the
SHBM strap input
F516
Shared Memory Base Address High Byte register.
R/W
0016
F616
Shared Memory Base Address Low Byte register.
R/W
0016
F716
Shared Memory Size Configuration register.
R/W
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com