Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 353 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 353 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 349Page - National Semiconductor (TI) PC87591L Datasheet HTML 350Page - National Semiconductor (TI) PC87591L Datasheet HTML 351Page - National Semiconductor (TI) PC87591L Datasheet HTML 352Page - National Semiconductor (TI) PC87591L Datasheet HTML 353Page - National Semiconductor (TI) PC87591L Datasheet HTML 354Page - National Semiconductor (TI) PC87591L Datasheet HTML 355Page - National Semiconductor (TI) PC87591L Datasheet HTML 356Page - National Semiconductor (TI) PC87591L Datasheet HTML 357Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
353
www.national.com
6.1.12 Real Time Clock (RTC) Configuration
Logical Device 16 (1016) RTC Configuration
Table 62 lists the configuration registers that affect the RTC. See Section 6.1.1 on page 335 and Section 6.1.2 on page 340
for descriptions of the other configuration registers.
Table 62. RTC Configuration Registers
RAM Lock Register (RLR)
When a non-reserved bit is set to 1, it can be cleared only by host domain hardware reset.
Location: Index F016
Type: R/W
Index
RTC Configuration Register or Action
Type
Reset
3016
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
0016
6016
Base Address MSB register.
R/W
0016
6116
Base Address LSB register. Bit 0 (for A0) is read only, ‘0’.
R/W
7016
6216
Base Address MSB register.
R/W
0016
6316
Base Address LSB register. Bit 0 (for A0) is read only, ‘0’.
R/W
7216
7016
RTC Interrupt Number and Wake-Up on IRQ Enable register.
R/W
0816
7116
RTC Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
0016
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416
F016
RAM Lock Register (RLR)
R/W
0016
F116
Date of Month Alarm Register Offset (DOMAO)
R/W
0016
F216
Month Alarm Register Offset (MONAO)
R/W
0016
F316
Century Register Offset (CENO)
R/W
0016
Bit
76543210
Name
Block
Standard
RAM
Block RAM
Write
Block
Extended
RAM Write
Block
Extended
RAM Read
Block
Extended
RAM
Reserved
Reset
00000000
Bit
Description
2-0
Reserved.
3
Block Extended RAM. Controls access to the Extended RAM 128 bytes.
0: No effect on Extended RAM access (default)
1: Reads and writes to the Extended RAM are blocked, writes are ignored and reads return FF16
4
Block Extended RAM Read. Controls read from bytes 0016-1F16 of the Extended RAM.
0: No effect on Extended RAM access (default)
1: Reads to bytes 0016-1F16 of the Extended RAM are ignored; reads return FF16
5
Block Extended RAM Write. Controls writes to bytes 0016-1F16 of the Extended RAM.
0: No effect on the Extended RAM access (default)
1: Writes to bytes 0016-1F16 of the Extended RAM are ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com