Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1802 Datasheet HTML 16Page - Texas Instruments PCM1802 Datasheet HTML 17Page - Texas Instruments PCM1802 Datasheet HTML 18Page - Texas Instruments PCM1802 Datasheet HTML 19Page - Texas Instruments PCM1802 Datasheet HTML 20Page - Texas Instruments PCM1802 Datasheet HTML 21Page - Texas Instruments PCM1802 Datasheet HTML 22Page - Texas Instruments PCM1802 Datasheet HTML 23Page - Texas Instruments PCM1802 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
20
www.ti.com
PRINCIPLES OF OPERATION
synchronization with digital audio system
In slave mode, the PCM1802 operates under LRCK, synchronized with system clock SCKI. The PCM1802 does
not need a specific phase relationship between LRCK and SCKI, but does require the synchronization of LRCK
and SCKI.
If the relationship between LRCK and SCKI changes more than
±6 BCKs for 64 BCK/frame (±5 BCKs for
48 BCK/frame) during one sample period due to LRCK or SCKI jitter, internal operation of the ADC halts within
1/fS and digital output is forced into BPZ code until re-synchronization between LRCK and SCKI is completed.
In the case of changes less than
±5 BCKs for 64 BCK/frame (±4 BCKs for 48 BCK/frame), resynchronization
does not occur.
Figure 28 illustrates digital output response for loss of synchronization and resynchronization. During undefined
data, some noise might be generated in the audio signal. Also, the transition of normal to undefined data and
undefined or zero data to normal creates a data discontinuity in the digital output, which can generate some
noise in the audio signal.
It is recommended to set PDWN low to get stable analog performance when the sampling rate, interface mode,
data format, or oversampling control is changed.
1/fS
32/fS
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
Figure 28. ADC Digital Output for Loss of Synchronization and Resynchronization
power down, LCF bypass, oversampling control
PDWN (pin 7) controls the entire ADC operation. During power-down mode, both the supply current for the
analog portion and the clock signal for the digital portion are shut down, and power dissipation is minimized.
Also, DOUT (pin 12) is disabled and no system clock is accepted during power-down mode.
Table 4. Power-Down Control
PDWN
Power-down mode
LOW
Power-down mode
HIGH
Normal operation mode
The built-in function for dc component rejection can be bypassed using the BYPAS (pin 8) control. In bypass
mode, the dc components of the analog input signal, internal dc offset, etc., are also converted and included
in the digital output data.
Table 5. LCF Bypass Control
BYPAS
LCF (low-cut filter) mode
LOW
Normal (no dc component on DOUT) mode
HIGH
Bypass (dc component on DOUT) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com