Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 10Page - Texas Instruments PCM1802DB Datasheet HTML 11Page - Texas Instruments PCM1802DB Datasheet HTML 12Page - Texas Instruments PCM1802DB Datasheet HTML 13Page - Texas Instruments PCM1802DB Datasheet HTML 14Page - Texas Instruments PCM1802DB Datasheet HTML 15Page - Texas Instruments PCM1802DB Datasheet HTML 16Page - Texas Instruments PCM1802DB Datasheet HTML 17Page - Texas Instruments PCM1802DB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
14
www.ti.com
PRINCIPLES OF OPERATION
power-on reset sequence
The PCM1802 has an internal power-on reset circuit and initialization (reset) is performed automatically when
the power supply (VDD) exceeds 2.2 V (typ). While VDD < 2.2 V (typ), and for 1024 system-clock counts after
VDD > 2.2 V (typ), the PCM1802 stays in the reset state and the digital output is forced to zero. The digital output
is valid after the reset state is released and the time of 4480/fS has passed. Figure 23 illustrates the internal
power-on reset timing and the digital output for power-on reset.
System Clock
2.6 V
2.2 V
1.8 V
Internal Reset
DOUT
Zero Data
Normal Data
Reset
VDD
Reset Removal
1024 System Clocks
4480 / fS
Figure 23. Internal Power-On Reset Timing
serial audio data interface
The PCM1802 interfaces with the audio system through BCK (pin 11), LRCK (pin 10), FSYNC (pin 9), and DOUT
(pin 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com