Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DBR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 11Page - Texas Instruments PCM1802DBR Datasheet HTML 12Page - Texas Instruments PCM1802DBR Datasheet HTML 13Page - Texas Instruments PCM1802DBR Datasheet HTML 14Page - Texas Instruments PCM1802DBR Datasheet HTML 15Page - Texas Instruments PCM1802DBR Datasheet HTML 16Page - Texas Instruments PCM1802DBR Datasheet HTML 17Page - Texas Instruments PCM1802DBR Datasheet HTML 18Page - Texas Instruments PCM1802DBR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
15
www.ti.com
PRINCIPLES OF OPERATION
interface mode
The PCM1802 supports master mode and slave mode as interface modes, and they are selected by MODE1
(pin 20) and MODE0 (pin 19) as shown in Table 2.
In master mode, the PCM1802 provides the timing for serial audio data communications between the PCM1802
and the digital audio processor or external circuit. In slave mode, the PCM1802 receives the timing for data
transfer from an external controller.
Table 2. Interface Mode
MODE1
MODE0
INTERFACE MODE
0
0
Slave mode (256 fS, 384 fS, 512 fS, 768 fS)
0
1
Master mode (512 fS)
1
0
Master mode (384 fS)
1
1
Master mode (256 fS)
(1) Master mode
In master mode, BCK, LRCK and FSYNC work as output pins, and these pins are controlled by timing which
is generated in the clock circuit of the PCM1802. FSYNC is used to designate the valid data from the
PCM1802. The rising edge of FSYNC indicates the starting point of the converted audio data and the falling
edge of this signal indicates the ending point of the data. The frequency of this signal is fixed at 2
× LRCK.
The duty cycle ratio depends on data bit length. The frequency of BCK is fixed at 64
× LRCK. The 768 fS
system clock is not available in master mode.
(2) Slave mode
In slave mode, BCK, LRCK and FSYNC work as input pins. FSYNC is used to enable the BCK signal, and
the PCM1802 can shift out the converted data while FSYNC is HIGH. The PCM1802 accepts either the
64 BCK/LRCK or the 48 BCK/LRCK format. The delay of FSYNC from the LRCK transition must be within
16 BCKs for the 64 BCK/LRCK format and within 12 BCKs for the 48 BCK/LRCK format.
data format
The PCM1802 supports four audio data formats in both master and slave modes, and they are selected by FMT1
(pin 18) and FMT0 (pin 17) as shown in Table 3. Figure 24 and Figure 26 illustrate the data formats in slave
mode and master mode, respectively.
Table 3. Data Format
FORMAT#
FMT1
FMT0
FORMAT
0
0
0
Left justified, 24 bit
1
0
1
I2S, 24 bit
2
1
0
Right justified, 24 bit
3
1
1
Right justified, 20 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com