Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F5X Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F5X
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F5X Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F5X Datasheet HTML 8Page - Microchip Technology PIC16F5X Datasheet HTML 9Page - Microchip Technology PIC16F5X Datasheet HTML 10Page - Microchip Technology PIC16F5X Datasheet HTML 11Page - Microchip Technology PIC16F5X Datasheet HTML 12Page - Microchip Technology PIC16F5X Datasheet HTML 13Page - Microchip Technology PIC16F5X Datasheet HTML 14Page - Microchip Technology PIC16F5X Datasheet HTML 15Page - Microchip Technology PIC16F5X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
PIC16F5X
DS41213C-page 10
 2004 Microchip Technology Inc.
TABLE 2-2:
PIC16F57 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0
RA0
TTL
CMOS
Bidirectional I/O pin
RA1
RA1
TTL
CMOS
Bidirectional I/O pin
RA2
RA2
TTL
CMOS
Bidirectional I/O pin
RA3
RA3
TTL
CMOS
Bidirectional I/O pin
RB0
RB0
TTL
CMOS
Bidirectional I/O pin
RB1
RB1
TTL
CMOS
Bidirectional I/O pin
RB2
RB2
TTL
CMOS
Bidirectional I/O pin
RB3
RB3
TTL
CMOS
Bidirectional I/O pin
RB4
RB4
TTL
CMOS
Bidirectional I/O pin
RB5
RB5
TTL
CMOS
Bidirectional I/O pin
RB6/ICSPCLK
RB6
TTL
CMOS
Bidirectional I/O pin
ICSPCLK
ST
—
Serial programming clock
RB7/ICSPDAT
RB7
TTL
CMOS
Bidirectional I/O pin
ICSPDAT
ST
CMOS
Serial programming I/O
RC0
RC0
TTL
CMOS
Bidirectional I/O pin
RC1
RC1
TTL
CMOS
Bidirectional I/O pin
RC2
RC2
TTL
CMOS
Bidirectional I/O pin
RC3
RC3
TTL
CMOS
Bidirectional I/O pin
RC4
RC4
TTL
CMOS
Bidirectional I/O pin
RC5
RC5
TTL
CMOS
Bidirectional I/O pin
RC6
RC6
TTL
CMOS
Bidirectional I/O pin
RC7
RC7
TTL
CMOS
Bidirectional I/O pin
T0CKI
T0CKI
ST
—
Clock input to Timer0. Must be tied to VSS or VDD, if not in use, to
reduce current consumption.
MCLR/VPP
MCLR
ST
—
Active-low Reset to device. Voltage on the MCLR/VPP pin must
not exceed VDD to avoid unintended entering of Programming
mode.
VPP
HV
—
Programming voltage input
OSC1/CLKIN
OSC1
XTAL
—
Oscillator crystal input
CLKIN
ST
—
External clock source input
OSC2/CLKOUT
OSC2
—
XTAL
Oscillator crystal output. Connects to crystal or resonator in
Crystal Oscillator mode.
CLKOUT
—
CMOS
In RC mode, OSC2 pin outputs CLKOUT, which has 1/4 the
frequency of OSC1.
VDD
VDD
Power
—
Positive supply for logic and I/O pins
VSS
VSS
Power
—
Ground reference for logic and I/O pins
N/C
N/C
—
—
Unused, do not connect
Legend: I = input
I/O
= input/output
CMOS = CMOS output
O = output
—
= Not Used
XTAL
= Crystal input/output
ST = Schmitt Trigger input
TTL = TTL input
HV
= High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com