Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6042005 Datasheet(PDF) 4 Page - SICK AG

Part # 6042005
Description  PRESSURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042005 Datasheet(HTML) 4 Page - SICK AG

  6042005 Datasheet HTML 1Page - SICK AG 6042005 Datasheet HTML 2Page - SICK AG 6042005 Datasheet HTML 3Page - SICK AG 6042005 Datasheet HTML 4Page - SICK AG 6042005 Datasheet HTML 5Page - SICK AG 6042005 Datasheet HTML 6Page - SICK AG 6042005 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBS-RB060SG1SSNAMA0Z | PBS
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
G ¼ A DIN 3852-E
G1/4A
DIN 3852-E
27
(1.06)
approx.
Ø 38 (1.50)
Ø 35 (1.38)
29.5
(1.16)
27
(1.06)
Connection type
M12 x 1, 4-pin
2 switching outputs/
1 switching output + 1 analog output
L+ = 1, M = 3, Q
1
= 4, Q
A
= 2
C/Q
1
= 4, Q
A
= 2
M12 x 1, 5-pin
2 switching outputs + 1 analog output
L+ = 1, M = 3, Q
1
= 4, Q
2
= 2, Q
A
= 5
C/Q
1
= 4
1
3
2
4
1
3
2
4
5
①  L+: Positive supply connection
②  M: Negative supply connection
③  Q1: Switching output 1
④  C/Q1: With IO-Link: Communication/ switching output 1
⑤  Q2: Switching output 2
⑥  QA: Analog output
Recommended accessories
Other models and accessories
www.sick.com/PBS
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for simple and stable wall mounting of pressure sensors with 27 mm
hexagon, Aluminum
BEF-FL-ALUPBS-HLDR
5322501
4
FLUID SENSORS | SICK
Online data sheet | 2016-07-27 14:33:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com