Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6042004 Datasheet(PDF) 2 Page - SICK AG

Part # 6042004
Description  PRESSURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042004 Datasheet(HTML) 2 Page - SICK AG

  6042004 Datasheet HTML 1Page - SICK AG 6042004 Datasheet HTML 2Page - SICK AG 6042004 Datasheet HTML 3Page - SICK AG 6042004 Datasheet HTML 4Page - SICK AG 6042004 Datasheet HTML 5Page - SICK AG 6042004 Datasheet HTML 6Page - SICK AG 6042004 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBS-RB060SG1SSNBMA0Z | PBS
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PBS-RB060SG1SSNBMA0Z
6042004
Other models and accessories
www.sick.com/PBS
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Gauge pressure
Measuring range
0 bar ... 60 bar
Process temperature
–20 °C ... +85 °C
Zero point adjustment
Max. + 3 % of span
Output signal
1 x PNP + 4 mA ... 20 mA
Rotatable housing
Display
Performance
Non-linearity
≤ ± 0.5 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 1 % of the span
Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of mea-
surement as per IEC 61298-2)
Setting accuracy of switching outputs
≤ ± 0.5 % of span
Response time
3 ms
Long-term drift/one-year stability
≤ 0.2 % of the span according to IEC 61298-2
Temperature coefficient in rated tempera-
ture range
Mean TC of zero point: ≤ 0.2% of span / 10 K, Mean TC of span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +80 °C
Service life
Minimum 100 Mio. life cycles
Mechanics/electronics
Process connection
G ¼ A according to DIN 3852-E
Wetted parts
Pressure connection: stainless steel 316L
Pressure sensor: stainless steel 316L (for measurement ranges from 0 bar ... 10 bar rel stain-
less steel 13-8 PH)
Internal transmission fluid
Silicone oil (only with pressure ranges < 0 bar ... 10 bar and ≤ 0 bar abs ... 25 bar abs)
Pressure port
Standard
2
FLUID SENSORS | SICK
Online data sheet | 2016-07-27 14:33:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com