Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS10.481 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

Back Button CS10.481 Datasheet HTML 2Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 3Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 4Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 5Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 6Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 7Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 8Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 10Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/20
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
90.7%
91.0%
91.6%
5A, 48V
Power losses
typ.
5.8W
8.4W
7.5W
0A
typ.
12.0W
12.3W
11.3W
2.5A, 48V
typ.
25.1W
24.1W
22.4W
5A, 48V
typ.
31.9W
29.6W
27.9W
6A, 48V
Fig. 9-1 Efficiency vs. output current at 48V
Fig. 9-2 Losses vs. output current at 48V
Efficiency
1
89
90
91
88
92%
120Vac
100V
ac
230Vac
6A
24
5
Output Current
3
Power Losses
012
45
6A
0
4
12
16
24
28
32W
120Vac
100Vac
230Vac
Output Current
8
3
20
100Vac
120Vac
230Vac
Fig. 9-3 Efficiency vs. input voltage, 48V, 5A
Fig. 9-4 Losses vs. input voltage, 48V, 5A
Efficiency
85
120
155
190
225 260
Vac
88
89
90
Input Voltage
91
92%
Power Losses
9
12
15
18
21
Input Voltage
24
27W
85
120
155
190
225 260
Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com