Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL314 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # MIL314
Description  Managed Layer 3 Military-Rated Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

MIL314 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  MIL314 Datasheet HTML 1Page - Red Lion Controls. Inc MIL314 Datasheet HTML 2Page - Red Lion Controls. Inc MIL314 Datasheet HTML 3Page - Red Lion Controls. Inc MIL314 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIL314 IP67 Industrial Ethernet Switch
Sixnet Military Series
Managed Layer 3 Military-Rated Ethernet Switch
PRODUCT HIGHLIGHTS
> Layer 3 Ethernet switch increases multi-service
network performance
> IPv4 and IPv6 management
> IP67/NEMA 6 rated package protects against dust,
water, oil, debris and more
> High-performance switch rated for MIL-STD-810G,
MIL-STD-461F and MIL-STD-1275D
> Military-rated MIL-DTL-38999 Series III connectors
protect against vibration, shock, water and more
> Tough corrosion-proof aluminum case
APPLICATIONS
> Industrial outdoors
> Marine and maritime
> Transportation
> Military in-vehicle (per COTS)
> Aerospace
Red Lion’s Sixnet MIL314 has 12 Gigabit (10/100/1000) plus
2 x 10G (10,000 Mbps, multimode or singlemode fiber) ports.
This Layer 3 managed industrial Ethernet switch features military-style D38999 connectors and
link speeds ranging from 10Mb/s to 10Gb/s. With an ultra-rugged case, protected circuitry and
advanced software, this switch offers an ideal Commercial Off-The-Shelf (COTS) military solution
for battlefield communications, combat vehicles and avionics shipboard. It can also be used with
industrial applications that require hardened switches.
MIL314
Driver Vision Enhancement
Cameras
Acoustic Gun Fire Detection
Remote Weapon
Radio Kits
Mission Computer
GPS Receiver


Similar Part No. - MIL314

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
Military-Rated Gigabit Industrial Connectivity
MIL312-1 REDLION-MIL312-1 Datasheet
742Kb / 4P
Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
Military-Rated Gigabit Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
Military-Rated Gigabit Industrial Connectivity
MIL318-YYYY-XX* REDLION-MIL318-YYYY-XX* Datasheet
806Kb / 4P
Military-Rated Gigabit Industrial Connectivity
More results

Similar Description - MIL314

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
Industrial Layer-3 20-port managed Gigabit Ethernet switch
RGPS-R9244GP ORING-RGPS-R9244GP Datasheet
2Mb / 6P
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
logo
Weidmuller
2778950000 WEIDMULLER-2778950000 Datasheet
157Kb / 5P
Layer 2 Network Switch, managed, Fast/Gigabit Ethernet
November 4, 2021
2778960000 WEIDMULLER-2778960000 Datasheet
157Kb / 4P
Layer 2 Network Switch, managed, Fast/Gigabit Ethernet
November 4, 2021
2778970000 WEIDMULLER-2778970000 Datasheet
155Kb / 4P
Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
2778980000 WEIDMULLER-2778980000 Datasheet
156Kb / 4P
Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com