Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2JDFQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # US2JDFQ
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US2JDFQ Datasheet(HTML) 3 Page - Diodes Incorporated

  US2JDFQ Datasheet HTML 1Page - Diodes Incorporated US2JDFQ Datasheet HTML 2Page - Diodes Incorporated US2JDFQ Datasheet HTML 3Page - Diodes Incorporated US2JDFQ Datasheet HTML 4Page - Diodes Incorporated US2JDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US2JDFQ
Document number: DS38753 Rev. 2 - 2
3 of 5
www.diodes.com
May 2016
© Diodes Incorporated
US2JDFQ
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine-Wave
60
50
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
10
20
30
40
50
0
1
10
100
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 6 Forward Power Dissipation
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
Tj = 150°C
f=1MHz
Notes:
11.
12.
(Note 11)
(Note 12)
tRR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com