Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHCS506Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS506Q
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS506Q Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS506Q Datasheet HTML 1Page - Diodes Incorporated ZHCS506Q Datasheet HTML 2Page - Diodes Incorporated ZHCS506Q Datasheet HTML 3Page - Diodes Incorporated ZHCS506Q Datasheet HTML 4Page - Diodes Incorporated ZHCS506Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZHCS506Q
Document number: DS38913 Rev. 1 - 2
2 of 5
www.diodes.com
May 2016
© Diodes Incorporated
ZHCS506Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Reverse Voltage
VRRM
60
V
Continuous Forward Current
IO
500
mA
Forward Voltage @IF =500mA
VF
630
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1000
mA
Non Repetitive Forward Current
t
100µs
IFSM
5.5
A
t
10ms
2.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = +25°C
PD
330
mW
Junction Temperature
TJ
+125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
60
80
—
V
IR = 200A
Forward Voltage (Note 6)
VF
—
275
310
mV
IF = 50mA
—
320
360
IF = 100mA
—
415
470
IF = 250mA
—
550
630
IF = 500mA
—
680
800
IF = 750mA
—
820
960
IF = 1A
—
1120
1350
IF = 1.5A
—
565
—
IF = 500mA, TA = +100°C
Reverse Current
IR
—
20
40
μA
VR = 45V
Diode Capacitance
CD
—
20
—
pF
f = 1MHz, VR = 25V
Reverse Recovery Time
tRR
—
10
—
ns
Switched from IF = 500mA to
IR = 500mA
Measured @ IR = 50mA
Note:
6. Measured
under pulsed conditions. Pulse width = 300μS. Duty cycle 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com