Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G126 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G126
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G126 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G126 Datasheet HTML 1Page - Texas Instruments SN74LVC2G126 Datasheet HTML 2Page - Texas Instruments SN74LVC2G126 Datasheet HTML 3Page - Texas Instruments SN74LVC2G126 Datasheet HTML 4Page - Texas Instruments SN74LVC2G126 Datasheet HTML 5Page - Texas Instruments SN74LVC2G126 Datasheet HTML 6Page - Texas Instruments SN74LVC2G126 Datasheet HTML 7Page - Texas Instruments SN74LVC2G126 Datasheet HTML 8Page - Texas Instruments SN74LVC2G126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74LVC2G126
DUAL BUS BUFFER GATE
WITH 3STATE OUTPUTS
SCES205H − APRIL 1999 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74LVC2G126 is a dual bus driver/line driver with 3-state outputs. The outputs are disabled when the
associated output-enable (OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
H
H
H
H
LL
L
X
Z
logic diagram (positive logic)
1A
1Y
1OE
1
26
2A
2OE
7
53
2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com