Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSL16 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # PSL16
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PSL16 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  PSL16 Datasheet HTML 1Page - GOOD-ARK Electronics PSL16 Datasheet HTML 2Page - GOOD-ARK Electronics PSL16 Datasheet HTML 3Page - GOOD-ARK Electronics PSL16 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSL16
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 1A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Instantaneous Forward
Characteristics
Figure 1.Forward Current Derating Curve
Figure 5. Typical Junction Capacitance
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
www.goodark.com
2/4
2016.06-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com