Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G240 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G240
Description  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G240 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G240 Datasheet HTML 1Page - Texas Instruments SN74LVC2G240 Datasheet HTML 2Page - Texas Instruments SN74LVC2G240 Datasheet HTML 3Page - Texas Instruments SN74LVC2G240 Datasheet HTML 4Page - Texas Instruments SN74LVC2G240 Datasheet HTML 5Page - Texas Instruments SN74LVC2G240 Datasheet HTML 6Page - Texas Instruments SN74LVC2G240 Datasheet HTML 7Page - Texas Instruments SN74LVC2G240 Datasheet HTML 8Page - Texas Instruments SN74LVC2G240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1
2
7
5
3
6
1A
1Y
2A
2Y
1OE
2OE
SN74LVC2G240
DUAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES208H – APRIL 1999 – REVISED FEBRUARY 2007
This device is organized as two 1-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low,
the device passes data from the A input to the Y output. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
L
H
L
L
L
H
H
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com