Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1253 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Controller for Off-line Power Supplie
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1253_14 Datasheet HTML 1Page - ON Semiconductor NCP1253_14 Datasheet HTML 2Page - ON Semiconductor NCP1253_14 Datasheet HTML 3Page - ON Semiconductor NCP1253_14 Datasheet HTML 4Page - ON Semiconductor NCP1253_14 Datasheet HTML 5Page - ON Semiconductor NCP1253_14 Datasheet HTML 6Page - ON Semiconductor NCP1253_14 Datasheet HTML 7Page - ON Semiconductor NCP1253_14 Datasheet HTML 8Page - ON Semiconductor NCP1253_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCP1253
www.onsemi.com
2
1
2
3
6
4
5
NCP1253
Vbulk
.
.
ramp
comp.
Vout
.
Figure 1. Typical Application Schematic
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Description
1
GND
The controller ground.
2
FB
Feedback pin
Hooking an optocoupler collector to this pin will allow
regulation.
3
NC
Non−connected pin
The pin is electrically inert and can be grounded if necessary
4
CS
Current sense + ramp compensation
This pin monitors the primary peak current but also offers a
means to introduce slope compensation.
5
VCC
Supplies the controller – protects the IC
This pin is connected to an external auxiliary voltage. An OVP
comparator monitors this pin and offers a means to latch the
converter in fault conditions.
6
DRV
Driver output
The driver’s output to an external MOSFET gate.
OPTIONS
Controller
Frequency
OCP Latched
OCP Auto−Recovery
NCP1253ASN65T1G
65 kHz
Yes
No
NCP1253BSN65T1G
65 kHz
No
Yes
NCP1253ASN100T1G
100 kHz
Yes
No
NCP1253BSN100T1G
100 kHz
No
Yes
ORDERING INFORMATION
Device
Package
Marking
OCP
Protection
Switching
Frequency
(kHz)
Package
Shipping
NCP1253ASN65T1G
53A
Latch
65
TSOP−6
(Pb−Free)
3000 / Tape & Reel
NCP1253BSN65T1G
532
Auto
Recovery
65
NCP1253ASN100T1G
53C
Latch
100
NCP1253BSN100T1G
53D
Auto
Recovery
100
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com