Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1564TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1564TH
Description  High efficiency 2 X 25 W/4 stereo car radio power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1564TH Datasheet HTML 1Page - NXP Semiconductors TDA1564TH Datasheet HTML 2Page - NXP Semiconductors TDA1564TH Datasheet HTML 3Page - NXP Semiconductors TDA1564TH Datasheet HTML 4Page - NXP Semiconductors TDA1564TH Datasheet HTML 5Page - NXP Semiconductors TDA1564TH Datasheet HTML 6Page - NXP Semiconductors TDA1564TH Datasheet HTML 7Page - NXP Semiconductors TDA1564TH Datasheet HTML 8Page - NXP Semiconductors TDA1564TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2004 Jan 27
2
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
FEATURES
• Low dissipation due to switching from Single-Ended
(SE) to Bridge-Tied Load (BTL) mode
• Differential inputs with high Common Mode Rejection
Ratio (CMRR)
• Mute/standby/operating (mode select pin)
• Load dump protection circuit
• Short-circuit safe to ground, to supply voltage and
across load
• Loudspeaker protection circuit
• Offset detection for each channel
• Device switches to single-ended operation at excessive
junction temperatures
• Thermal protection at high junction temperature (170°C)
• Clip detection at THD = 2.5 %
• Diagnostic information
(clip/protection/prewarning/offset).
GENERAL DESCRIPTION
The TDA1564 is a monolithic power amplifier in a 17-lead
single-in-line (SIL) plastic power package. It contains two
identical 25 W amplifiers. The dissipation is minimized by
switching from SE to BTL mode, only when a higher output
voltage swing is needed. The device is primarily
developed for car radio applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
DC biased
6.0
14.4
18
V
non-operating
−−
30
V
load dump
−−
45
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
RL = ∞−
95
150
mA
Istb
standby current
−
150
µA
Zi
input impedance
90
120
150
k
Ω
Po
output power
RL =4 Ω; EIAJ
−
38
−
W
RL =4 Ω; THD = 10 %
23
25
−
W
RL =4 Ω; THD = 2.5 %
18
20
−
W
Gv
voltage gain
Po = 1 W
252627dB
CMRR
common mode rejection ratio
f = 1 kHz; Rs =0 Ω−
80
−
dB
SVRR
supply voltage ripple rejection
f = 1 kHz; Rs =0 Ω
45
65
−
dB
∆VO
DC output offset voltage
−−
100
mV
αcs
channel separation
Rs =0 Ω; Po = 15 W
40
70
−
dB
∆Gv
channel unbalance
−−
1dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1564TH
HSOP20
plastic, heatsink small outline package; 20 leads; low stand-off height
SOT418-3
TDA1564J
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com