Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3202 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202
Description  2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3202 Datasheet(HTML) 1 Page - Texas Instruments

  THS3202 Datasheet HTML 1Page - Texas Instruments THS3202 Datasheet HTML 2Page - Texas Instruments THS3202 Datasheet HTML 3Page - Texas Instruments THS3202 Datasheet HTML 4Page - Texas Instruments THS3202 Datasheet HTML 5Page - Texas Instruments THS3202 Datasheet HTML 6Page - Texas Instruments THS3202 Datasheet HTML 7Page - Texas Instruments THS3202 Datasheet HTML 8Page - Texas Instruments THS3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
THS3202
SLOS242D − SEPTEMBER 2002 − REVISED JANUARY 2004
2GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
DGK-8
DGN-8
D-8
FEATURES
D Unity Gain Bandwidth: 2 GHz
D High Slew Rate: 9000 V/µs
D IMD3 at 120 MHz: −89 dBc (G = 5, RL = 100 Ω,
VCC = 15 V)
D OIP3 at 120 MHz: 44 dBm (G = 5, RL = 100 Ω,
VCC = 15 V)
D High Output Current: ±115 mA into 20 Ω RL
D Power Supply Voltage Range: 6.6 V to 15 V
APPLICATIONS
D High-Speed Signal Processing
D Test and Measurement Systems
D High-Voltage ADC Preamplifier
D RF and IF Amplifier Stages
D Professional Video
DESCRIPTION
The THS3202 is part of the high performing current
feedback
amplifier
family
developed
in
BiCOM−
ΙΙ
technology. Designed for low-distortion with a high slew
rate of 9000 V/
µs, the THS320x family is ideally suited for
applications driving loads sensitive to distortion at high
frequencies.
The THS3202 provides well-regulated ac performance
characteristics
with
power
supplies
ranging
from
single-supply 6.6-V operation up to a 15-V supply. The
high unity gain bandwidth of up to 2 GHz is a major
contributor to the excellent distortion performance. The
THS3202 offers an output current drive of
±115 mA and a
low differential gain and phase error that make it suitable
for applications such as video line drivers.
The THS3202 is available in an 8 pin SOIC and an 8 pin
MSOP with PowerPAD
 packages.
RELATED DEVICES AND DESCRIPTIONS
THS3001
±15-V 420-MHz Low Distortion CFB Amplifier
THS3061/2
±15-V 300-MHz Low Distortion CFB Amplifier
THS3122
±15-V Dual CFB Amplifier With 350 mA Drive
THS4271
+15-V 1.4-GHz Low Distortion VFB Amplifier
−120
−110
−100
−90
−80
−70
−60
−50
0
246
8
10
12
VO − Output Voltage − Vpp
G = 5
RL = 500 Ω
VCC = 15 V
Rf = 420 Ω
f = 10 MHz
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
_
+
G = 5
Output Power
50
Spectrum Analyzer
50
TEST CIRCUIT FOR
IMD3 / OIP3
26
28
30
32
34
36
38
40
42
44
46
48
50
10
60
110
160
210
260
Test Instrument Measurement Limit
RL = 100 Ω,
G = 5,
RF = 536 Ω,
VO = 2VPP_Envelope
∆f = 200 kHz
fc − Frequency − MHz
THS3202
OIP3
vs
FREQUENCY
VCC = ±5 V
VCC = ±6 V
VCC = ±7 V
VCC = ±7.5 V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002 − 2004, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - THS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
1Mb / 41P
LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS3202 TI1-THS3202 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3202 TI2-THS3202 Datasheet
1Mb / 37P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
REVISED SEPTEMBER 2008
THS3202D TI1-THS3202D Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3202DG4 TI1-THS3202DG4 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com