Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4501 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501 Datasheet(HTML) 2 Page - Texas Instruments

  THS4501 Datasheet HTML 1Page - Texas Instruments THS4501 Datasheet HTML 2Page - Texas Instruments THS4501 Datasheet HTML 3Page - Texas Instruments THS4501 Datasheet HTML 4Page - Texas Instruments THS4501 Datasheet HTML 5Page - Texas Instruments THS4501 Datasheet HTML 6Page - Texas Instruments THS4501 Datasheet HTML 7Page - Texas Instruments THS4501 Datasheet HTML 8Page - Texas Instruments THS4501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±VS
Output current, IO (2)
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ (3)
150
°C
Maximum junction temperature, continuous
operation, long term reliability TJ (4)
125
°C
Operating free-air temperature
C suffix
0
°C to 70°C
Operating free-air temperature
range, TA
I suffix
−40
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature
1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
4000 V
ESD ratings:
CDM
2000 V
ESD ratings:
MM
100 V
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) The THS4500/1 may incorporate a PowerPAD
 on the underside
of the chip. This acts as a heat sink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure
to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI
technical briefs SLMA002 and SLMA004 for more information
about utilizing the PowerPAD thermally enhanced package.
(3) The absolute maximum temperature under any condition is
limited by the constraints of the silicon process.
(4) The maximum junction temperature for continuous operation is
limited by package constraints. Operation above this temperature
may result in reduced reliability and/or lifetime of the device.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE DISSIPATION RATINGS
PACKAGE
θJC
θJA(1)
POWER RATING(2)
PACKAGE
θJC
(
°C/W)
θJA(1)
(
°C/W)
TA ≤ 25°C
TA = 85°C
D (8 pin)
38.3
97.5
1.02 W
410 mW
DGN (8 pin)
4.7
58.4
1.71 W
685 mW
DGK (8 pin)
54.2
260
385 mW
154 mW
(1) This data was taken using the JEDEC standard High-K test PCB.
(2) Power rating is determined with a junction temperature of 125°C.
This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance and
long term reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage
Dual supply
±5
±7.5
V
Supply voltage
Single supply
4.5
5
15
V
Operating free-
air temperature,
C suffix
0
70
°C
air temperature,
TA
I suffix
−40
85
°C
PACKAGE/ORDERING INFORMATION
ORDERABLE PACKAGE AND NUMBER
TEMPERATURE
PLASTIC
SMALL OUTLINE
PLASTIC MSOP(1)
PowerPad
PLASTIC MSOP(1)
SMALL OUTLINE
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
0
°C to 70°C
THS4500CD
THS4500CDGN
BFB
THS4500CDGK
ATV
0
°C to 70°C
THS4501CD
THS4501CDGN
BFD
THS4501CDGK
ATW
−40
°C to 85°C
THS4500ID
THS4500IDGN
BFC
THS4500IDGK
ASV
−40
°C to 85°C
THS4501ID
THS4501IDGN
BFE
THS4501IDGK
ASW
(1) All packages are available taped and reeled. The R suffix standard quantity is 2500. The T suffix standard quantity is 250 (e.g., THS4501DT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com