Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4501CD Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501CD Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4501CD Datasheet HTML 28Page - Texas Instruments THS4501CD Datasheet HTML 29Page - Texas Instruments THS4501CD Datasheet HTML 30Page - Texas Instruments THS4501CD Datasheet HTML 31Page - Texas Instruments THS4501CD Datasheet HTML 32Page - Texas Instruments THS4501CD Datasheet HTML 33Page - Texas Instruments THS4501CD Datasheet HTML 34Page - Texas Instruments THS4501CD Datasheet HTML 35Page - Texas Instruments THS4501CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
32
DRIVING CAPACITIVE LOADS
High-speed amplifiers are typically not well-suited for
driving large capacitive loads. If necessary, however, the
load capacitance should be isolated by two isolation
resistors in series with the output. The requisite isolation
resistor size depends on the value of the capacitance, but
10 to 25
Ω is a good place to begin the optimization
process. Larger isolation resistors decrease the amount of
peaking in the frequency response induced by the
capacitive load, but this comes at the expense of larger
voltage drop across the resistors, increasing the output
swing requirements of the system.
VS
RS
Rg
Rf
Rf
+
RT
+
Riso
CL
Rg
Riso = 10 − 25
VS
−VS
Riso
Use of Isolation Resistors With a Capacitive Load.
Figure 118
POWER SUPPLY DECOUPLING
TECHNIQUES AND RECOMMENDATIONS
Power supply decoupling is a critical aspect of any
high-performance amplifier design process. Careful
decoupling provides higher quality ac performance (most
notably improved distortion performance). The following
guidelines ensure the highest level of performance.
1.
Place decoupling capacitors as close to the power
supply inputs as possible, with the goal of minimizing
the inductance of the path from ground to the power
supply.
2.
Placement priority should be as follows: smaller
capacitors should be closer to the device.
3.
Use
of
solid
power
and
ground
planes
is
recommended to reduce the inductance along power
supply return current paths.
4.
Recommended values for power supply decoupling
include 10-
µF and 0.1-µF capacitors for each supply.
A 1000-pF capacitor can be used across the supplies
as well for extremely high frequency return currents,
but often is not required.
EVALUATION FIXTURES, SPICE MODELS,
AND APPLICATIONS SUPPORT
Texas Instruments is committed to providing its customers
with the highest quality of applications support. To support
this goal, an evaluation board has been developed for the
THS4500 family of fully differential amplifiers. The
evaluation board can be obtained by ordering through the
Texas Instruments web site, www.ti.com, or through your
local Texas Instruments sales representative. Schematic
for the evaluation board is shown below with the default
component values. Unpopulated footprints are shown to
provide insight into design flexibility.
_
+
4
5
3
7
2
6
VOCM
−VS
PwrPad
VS
PD
1
8
R0805
R4
C4
C0805
R5 R0805
C3
C0805
R6
R7
R0805
R0805
C5
C6
C0805
C0805
C7
C0805
J2
J3
J2
J3
R2
R0805
R3
R0805
C1
C0805
C2
C0805
R1
R1206
J1
3
1
4
5
6
R11
R1206
R9
R0805
R8
R9
R0805
R0805
J2
J3
J4
T1
U1
THS450X
Simplified Schematic of the Evaluation Board. Power
Supply Decoupling, VOCM, and Power Down Circuitry
Not Shown
Figure 119
Computer simulation of circuit performance using SPICE
is often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF amplifier circuits where parasitic capacitance and
inductance can have a major effect on circuit performance.
A SPICE model for the THS4500 family of devices is
available through either the Texas Instruments web site
(www.ti.com) or as one model on a disk from the Texas
Instruments
Product
Information
Center
(1−800−548−6132). The PIC is also available for design
assistance and detailed product information at this
number. These models do a good job of predicting
small-signal ac and transient performance under a wide
variety of operating conditions. They are not intended to
model the distortion characteristics of the amplifier, nor do
they attempt to distinguish between the package types in
their small-signal ac performance. Detailed information
about what is and is not modeled is contained in the model
file itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com