Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V2 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BZX84C2V2
Description  SEMICONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BZX84C2V2 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BZX84C2V2 Datasheet HTML 1Page - KEC(Korea Electronics) BZX84C2V2 Datasheet HTML 2Page - KEC(Korea Electronics) BZX84C2V2 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 6. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
BZX84C2V~36V
Revision No : 0
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
・Small Package : SOT-23
・Normal Voltage Tolerance About ±2.5%.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. NC
2. ANODE
3. CATHODE
2
1
3
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD*
300
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Example 1) 2.0V ~ 3.9V
Example 2) 4.3V ~ 9.1V
Example 3) 10V ~ 24V
TYPE NAME : BZX84C2V0
2AH
H
B
TYPE NAME : BZX84C4V3
4.3H
TYPE NAME : BZX84C10
10H
Type Name
Lot No.
4.3H
Type Name
Lot No.
10
H
Type Name
Lot No.
Example 4) 27V ~ 36V
Type Name
Lot No.
BZX84C2V2
2BH
BZX84C2V4
2CH
BZX84C2V7
2DH
TYPE NAME : BZX84C27
27B
BZX84C30
30B
BZX84C33
33B
BZX84C36
36B
BZX84C3V0
30H
BZX84C3V3
33H
BZX84C3V6
36H
BZX84C3V9
39H
Marking
Note PD* : Package Mounted on 99.5% alumina 10×8×0.6mm.


Similar Part No. - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V2 SEMTECH_ELEC-BZX84C2V2 Datasheet
229Kb / 2P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C2V2 HTSEMI-BZX84C2V2 Datasheet
712Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V2 KINGTRONICS-BZX84C2V2 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V2 SUNTAN-BZX84C2V2 Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
Zibo Seno Electronic En...
BZX84C2V2 ZSELEC-BZX84C2V2 Datasheet
132Kb / 3P
350mW Silicon Planar Zener Diodes
More results

Similar Description - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com