Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC6971F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC6971F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6971F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC6971F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2013. 2. 05
2/8
KIC6971F/MF
Revision No : 2
Block Diagram
The two current limit power switchs are the same function and Each channel is as below.
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
VIN
2
Voltage input pin
VEN1
3
S/W 1 Enable input (active high)
VEN2
4
S/W 2 Enable input (active high)
VFLG2
5
S/W 2 Over-current and over-temperature fault report pin (Open drain)
VOUT1
6
S/W 2 Voltage output pin
VOUT2
7
S/W 1 Voltage output pin
VFLG1
8
S/W 1 Over-current and over temperature fault report pin (Open drain)
VIN
VOUT
FLG
VEN
GND
UVLO
Reverse Blocking
Driver
Thermal
Protection
Short Circuit
Protection
Current Sense
Current Limit
Discharge
Control
Deglitch
Typical Application Circuit
GND
VOUT1
VIN
VFLG2
VEN2
10k
10k
ON
OFF
Power Supply
2.7V to 5.5V
10㎌
+
0.1㎌
0.1㎌
Load
68㎌
+
Active high
+
0.1㎌
Load
68㎌
VOUT2
VEN1
VFLG1
2
8
5
3
4
6
7
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com