Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDWI08 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MDWI08
Description  DC/DC CONVERTER 8W, Regulated Output, DIP Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDWI08 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MDWI08 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDWI08 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDWI08 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDWI08 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDWI08 SERIES
DC/DC CONVERTER 8W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/03 P0
Page 1 of 4
®
FEATURES
►Smallest Encapsulated 8W Converter
►Industrial Standard DIP-16 Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500VDC
►Operating Ambient Temp. Range -40℃to +80℃
►Low No Load Power Consumption
►No Min. Load Requirement
►Overload and Short Circuit Protection
►Shielded Metal Case with Insulated Baseplate
►Designed-in Conducted EMI meets EN55022 Class A & FCC Level A
►UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking (pending)
PRODUCT OVERVIEW
The MINMAX MDWI08 Series is the latest generation of high performance dc-dc converter modules setting a new standard concerning power density.
The product offers a full 8W isolated dc-dc converter within an encapsulated DIP-16 package which occupied only 0.5in^2 of PCB space. There are 14
models available for 24 & 48VDC with ultra-wide 4:1 input voltage range. Further features included overload protection, short circuit protection, low no load
power consumption and no min. load requirement as well. An high efficiency allows operating temperatures range of -40℃ to 80℃.
These DC-DC Converters offer an economical solution for many cost critical application in battery-powered equipment, instrumentation, distributed power
architectures in communication, industrial electronics, energy facilities and many other critical applications where PCB space is limited.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MDWI08-24S033
24
(9 ~ 36)
3.3
1600
282
10
680
78
MDWI08-24S05
5
1600
407
680
82
MDWI08-24S12
12
665
391
330
85
MDWI08-24S15
15
535
393
330
85
MDWI08-24S24
24
335
390
150
86
MDWI08-24D12
±12
±335
394
150#
85
MDWI08-24D15
±15
±265
385
150#
86
MDWI08-48S033
48
(18 ~ 75)
3.3
1600
141
8
680
78
MDWI08-48S05
5
1600
206
680
81
MDWI08-48S12
12
665
196
330
85
MDWI08-48S15
15
535
197
330
85
MDWI08-48S24
24
335
195
150
86
MDWI08-48D12
±12
±335
195
150#
86
MDWI08-48D15
±15
±265
193
150#
86
# For each output


Similar Part No. - MDWI08

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03-24D05 MINMAX-MDWI03-24D05 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Total Power Internation...
MDWI03-24D05 TOTAL-POWER-MDWI03-24D05 Datasheet
454Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03-24D12 MINMAX-MDWI03-24D12 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results

Similar Description - MDWI08

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
8W DC-DC Regulated Dual Output Converter
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
DCW08 MEANWELL-DCW08_11 Datasheet
222Kb / 1P
8W DC-DC Regulated Dual Output Converter
SCW08 MEANWELL-SCW08_11 Datasheet
375Kb / 1P
8W DC-DC Regulated Single Output Converter
logo
MORNSUN Science& Techno...
URC240312D-30W MORNSUN-URC240312D-30W Datasheet
632Kb / 5P
REGULATED THREE OUTPUT DIP DC-DC CONVERTER
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
3W DIP Package DC-DC Regulated Converter
RSDW08 MEANWELL-RSDW08 Datasheet
120Kb / 5P
8W DIP Package Reliable Railway DC-DC Converter
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
6W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com