Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCWI03 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSCWI03
Description  DC/DC CONVERTER 3W, SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCWI03 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSCWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSCWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/04/12 P7
Page 2 of 5
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
15
VDC
24V Input Models
-0.7
---
50
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
5V Input Models
---
---
4.5
24V Input Models
---
---
9
48V Input Models
---
---
18
Start-Up Time (Power On)
Nominal Vin and Constant Resistive Load
---
---
30
ms
Short Circuit Input Power
All Models
---
---
1500
mW
Input Filter
Internal Pi Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Open or high impedance
Converter Off
2~4mA current applied via 1Kohm resistor
Standby Input Current
Supply Off & Nominal Vin
---
2.5
---
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.5
%
Load Regulation
Io=0% to 100%
---
---
±1.0
%
Load Cross Regulation (Dual Output)
Asymmetrical Load 25/100% Full Load
---
---
±5.0
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
---
---
50
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
---
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
---
±0.02
%/℃
Over Load Protection
Foldback
---
160
---
%
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
Ω
I/O Isolation Capacitance
100KHz, 1V
---
500
---
pF
Switching Frequency
100
---
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25℃, Ground Benign
5,086,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Safety Approvals (Pending)
UL/cUL 60950-1 recognition (UL certificate), IEC/EN 60950-1(CB-report)
UL/cUL 62368-1 recognition (UL certificate), IEC/EN 62368-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection
-40
+80
(See Power Derating Curve)
Case Temperature
---
+95
Storage Temperature
-55
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead-free reflow solder process
IPC/JEDEC J-STD-020D.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com