Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL34B Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SL34B
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL34B Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SL34B Datasheet HTML 1Page - GOOD-ARK Electronics SL34B Datasheet HTML 2Page - GOOD-ARK Electronics SL34B Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
SL32B thru SL310B 
www.goodark.com                                  2 / 3
                                    rev.1 
 
ELECTRICAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
SL32B
SL33B
SL34B
SL35B
SL36B
SL37B
SL38B
SL39B
SL310
B
UNI
T
Maximum
instantaneous
forward voltage
IF=3 A
VF
0.42
0.5
0.75
V
Maximum DC
reverse current at
rated DC blocking
voltage
TA=25℃
IR
0.2
0.15
mA
TA=100℃
20
TBD
Typical junction
capacitance
4.0 V, 1 MHz
CJ
220
pF
THERMAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32B
SL33B
SL34B
SL35B
SL36B
SL37B
SL38B
SL39B
SL310B
UNIT
Maximum thermal
resistance
RθJA (1)
72
°C/W
RθJT (2)
22
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
Figure 3. Typical Instantaneous Forward Characteristics 
Figure 4. Typical Reverse Characteristics
Figure 4. Typical Reverse Characteristics 
Notes
: (1) Thermal resistance from junction to ambient,0.276×0.276〃(7.0×7.0mm)copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.276×0.276
〃(7.0×7.0mm)copper pads to each terminal
Figure 2.Maximum Non‐repetitive Peak Forward Surge 
Current  
Figure 1. Forward Current Derating Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com