Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKXG201E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKXG201E
Description  160 to 450Vdc long life, 105?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKXG201E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKXG201E Datasheet HTML 1Page - United Chemi-Con, Inc. EKXG201E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
160 to 450Vdc long life, 105
℃
KXG
Series
・For electronic ballast circuits and other long life applications
・Endurance with ripple current : 8,000 to 10,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105
℃ (160 to 400Vdc) -25 to+105℃ (450Vdc)
160 to 450Vdc
±20% (M)
After 1 minute
After 5 minutes
CV
≦1,000
I=0.1CV+40
CV
>1,000
I=0.02CV+25
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tanδ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 10,000 hours (8,000 hours for
φ10) at 105℃.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦
±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦500% of the initial specified value
Characteristics
160 to 250V
3
6
350 & 400V
5
6
450V
6
-
160 to 250V
0.20
350 to 450V
0.24
I=0.03CV+15
I=0.04CV+100
◆DIMENSIONS [mm]
4min.
Vent
Sleeve (PET : Brown)
10
0.6
5.0
φD
φd
φD'
F
L'
12.5
0.6
5.0
16
0.8
7.5
φD+0.5max.
L+1.5max.
18
0.8
7.5
(
φ10)
(
φ12.5 toφ18)
Gas escape end seal
●
Terminal Code : E
L'
15min.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 6.8
µF:6R8,10µF:100,100µF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 160V:161,450V:451)
Series code
Category
E K X G A A A E A A A A A
A A A S
M
1
3
4
2
6
7
8
9
10
3
1
2
1
5
8
1
7
1
6
1
1
1
15
14
Please refer to "Product code guide (radial lead type)"
◆RATED RIPPLE CURRENT MULTIPLIERS
●
Frequency Multipliers
120
1.00
1.00
1k
1.75
1.67
10k
2.25
2.05
100k
2.50
2.25
Capacitance (
µF)
Frequency (Hz)
6.8 to 82
100 to 330
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
KXG
Downsized
KXJ P166
170
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKXG201E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKXG201ELL100MJ16S ETC2-EKXG201ELL100MJ16S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL101ML20S ETC2-EKXG201ELL101ML20S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL151ML25S ETC2-EKXG201ELL151ML25S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL220MJ20S ETC2-EKXG201ELL220MJ20S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL221MM25S ETC2-EKXG201ELL221MM25S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKXG201E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXG161E CHEMI-CON-EKXG161E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
EKXG251E CHEMI-CON-EKXG251E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
EKXG351E CHEMI-CON-EKXG351E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
EKXG401E CHEMI-CON-EKXG401E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
EKXG451E CHEMI-CON-EKXG451E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
EKXJ201E CHEMI-CON-EKXJ201E Datasheet
511Kb / 4P
160 to 500Vdc, long life, 105?
EKXJ221E CHEMI-CON-EKXJ221E Datasheet
511Kb / 4P
160 to 500Vdc, long life, 105?
EKXJ251E CHEMI-CON-EKXJ251E Datasheet
511Kb / 4P
160 to 500Vdc, long life, 105?
EKXJ351E CHEMI-CON-EKXJ351E Datasheet
511Kb / 4P
160 to 500Vdc, long life, 105?
EKXJ421E CHEMI-CON-EKXJ421E Datasheet
511Kb / 4P
160 to 500Vdc, long life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com