Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29311 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29311
Description  THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29311 Datasheet(HTML) 2 Page - Texas Instruments

  BQ29311 Datasheet HTML 1Page - Texas Instruments BQ29311 Datasheet HTML 2Page - Texas Instruments BQ29311 Datasheet HTML 3Page - Texas Instruments BQ29311 Datasheet HTML 4Page - Texas Instruments BQ29311 Datasheet HTML 5Page - Texas Instruments BQ29311 Datasheet HTML 6Page - Texas Instruments BQ29311 Datasheet HTML 7Page - Texas Instruments BQ29311 Datasheet HTML 8Page - Texas Instruments BQ29311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
bq29311
SLUS487D − DECEMBER 2001 − REVISED NOVEMBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW
874 mW
6.99 W/
°C
559 mW
454 mW
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
bq29311
Supply voltage range(2)
VCC, VPACK
−0.3 V to 34 V
VC1, VC2, VC3, VC4, VBAT
−0.3 V to 34 V
VC5, SR1, SR2
−1 V to 1 V
Input voltage range
VC1 to VC2, VC2 to VC3, VC3 to VC4, VC4 to VC5
−0.3 V to 8.5 V
Input voltage range
CLK-IN, SCLK, SDATA
−0.3 V to 7 V
CNTL
−0.3 V to 34 V
Output voltage range
DSG, CHG, PCHG
−0.3 V to VCC
Output voltage range
LEDOUT, TOUT, SCLK, SDATA, VCELL, XALERT
−0.3 V to 7 V
Current for cell balancing
10 mA
Continuous total power dissipation
See Dissipation Rating Table
(3)
HBM
1.5 kV
ESD rating(3)
CDM
250 V
ESD rating(3)
MM
50 V
Operating free-air temperature range, TA
−25
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature (soldering, 10 s)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to ground of this device except VCn-VC(n+1), where n = 1, 2, 3, 4 cell voltage.
(3) Design considerations should be made with respect to excessive ESD.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage (VCC or VPACK)
25
V
VBAT
0
VCC
VC1, VC2, VC3, VC4
0
VCC
Input voltage range, VI
SR1, SR2, VC5
−0.5
0.5
V
Input voltage range, VI
VCn −VC(n+1), (n = 1, 2, 3, 4 )
0
5
V
CNTL
VREG
Logic level input voltage
VIH
SCLK, SDATA, CLK−IN
0.8
×VREG
VREG
V
Logic level input voltage
VIL
SCLK, SDATA, CLK−IN
0
0.2
×VREG
V
XALERT
200
Output current, IO
SDATA
50
µA
Output current, IO
VCELL
±10
µA
Input current, II
CNTL
−0.5
1
µA
External 3.3-V VREG capacitor, C(REG)
VREG
1
µF
Operating ambient temperature range, TA
−25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com