Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM90P02-05P Datasheet(PDF) 2 Page - Analog Power

Part # AM90P02-05P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P02-05P Datasheet(HTML) 2 Page - Analog Power

  AM90P02-05P Datasheet HTML 1Page - Analog Power AM90P02-05P Datasheet HTML 2Page - Analog Power AM90P02-05P Datasheet HTML 3Page - Analog Power AM90P02-05P Datasheet HTML 4Page - Analog Power AM90P02-05P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM90P02-05P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
VDS = -16 V, VGS = 0 V
-1
VDS = -16 V, VGS = 0 V, TJ = 55°C
-10
On-State Drain Current
a
ID(on)
VDS = -5 V, VGS = -4.5 V
-120
A
VGS = -4.5 V, ID = -20 A
4.5
VGS = -2.5 V, ID = -16 A
6
Forward Transconductance
a
gfs
VDS = -15 V, ID = -20 A
107
S
Diode Forward Voltage
a
VSD
IS = -45 A, VGS = 0 V
-0.89
V
Total Gate Charge
Qg
253
Gate-Source Charge
Qgs
20
Gate-Drain Charge
Qgd
70
Turn-On Delay Time
td(on)
40
Rise Time
tr
130
Turn-Off Delay Time
td(off)
968
Fall Time
tf
582
Input Capacitance
Ciss
11152
Output Capacitance
Coss
2068
Reverse Transfer Capacitance
Crss
1554
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
nC
VDS = -10 V, RL = 0.5 Ω,
ID = -20 A,
VGEN = -4.5 V, RGEN = 6 Ω
VDS = -10 V, VGS = -4.5 V,
ID = -20 A
Dynamic
b
ns
Static
uA
Electrical Characteristics
IDSS
mΩ
rDS(on)
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = -15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM90P02-05P_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com