Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBF402 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # KBF402
Description  Glass Passivated Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBF402 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  KBF402 Datasheet HTML 1Page - GOOD-ARK Electronics KBF402 Datasheet HTML 2Page - GOOD-ARK Electronics KBF402 Datasheet HTML 3Page - GOOD-ARK Electronics KBF402 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBF401 thru KBF410
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 100~1000V Ountput Current 4.0A
juntion to ambient
RθJA
juntion to case
RθJC
Note:1),The thermal resistance from junction to ambient and case,mounted on glass epoxy FR-4 P.C.B
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Parameter
Typical thermal resistance1)
℃/W
Unit
KBF401
Thermal Characteristics (Ta=25℃ unless otherwixe noted)
Test Conditions Symbol
KBF410
30
8
KBF402
KBF404
KBF406
KBF408
0.001
0.01
0.1
1
10
100
0
0.3 0.6 0.9 1.2 1.5 1.8
Instantaneous Forward Voltage (V)
25℃
85℃
125℃
150℃
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 4. Typical Reverse Characteristics 
Figure 3. Typical Instantaneous Forward 
Characteristics 
Pulse width=0.3ms
0.001
0.01
0.1
1
10
100
1000
10000
0
200
400
600
800
1000
Instantaneous Reverse Voltage (V)
25℃
85℃
125℃
150℃
0
30
60
90
120
150
1
10
100
Number of Cycles at 60Hz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
25
50
75
100 125 150
Case temperature(℃)
with heatsink
without heatsink
www.goodark.com
2/4
2016.01-Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com