Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5394KS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5394KS
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394KS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5394KS Datasheet HTML 11Page - Cirrus Logic CS5394KS Datasheet HTML 12Page - Cirrus Logic CS5394KS Datasheet HTML 13Page - Cirrus Logic CS5394KS Datasheet HTML 14Page - Cirrus Logic CS5394KS Datasheet HTML 15Page - Cirrus Logic CS5394KS Datasheet HTML 16Page - Cirrus Logic CS5394KS Datasheet HTML 17Page - Cirrus Logic CS5394KS Datasheet HTML 18Page - Cirrus Logic CS5394KS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
CS5394
DS258PP4
15
Analog Inputs
AINR-, AINR+ - Differential Right Channel Analog Inputs, Pins 26 and 27.
Analog input connections for the right channel differential inputs. Nominally 4.0 Vpp
differential for full-scale digital output.
AINL-, AINL+ - Differential Left Channel Analog Inputs, Pins 4 and 5.
Analog input connections for the left channel differential inputs. Nominally 4.0 Vpp differential
for full-scale digital output.
Analog Outputs
VCOM - Common Mode Voltage Output, Pin 2.
Nominally +2.5 volts. Requires a 10
µF electrolytic capacitor in parallel with 0.1 µF ceramic
capacitor for decoupling to AGND. Caution is required if this output be used to bias the analog
input buffer circuits. Refer to the CDB5394 as an example.
VREF - Voltage Reference Output, Pin 1.
Nominally +4 volts. Requires a 100
µF electrolytic capacitor in parallel with 0.1 µF ceramic
capacitor for decoupling to AGND.
Digital Inputs
ADCTL - Analog Control Input, Pin 6.
Must be connected to DACTL. This signal enables communication between the analog and
digital circuits.
DFS - Digital Format Select, Pin 18.
The relationship between LRCK, SCLK and SDATA is controlled by the DFS pin. When high,
the serial output data format is I
2S compatible. The serial data format is left-justified when low.
CAL - Calibration, Pin 10.
Activates the calibration of the tri-level delta-sigma modulator on the rising edge of the CAL
input.
MCLKA - Analog Section Input Clock, Pin 7.
This clock is internally divided and controls the delta-sigma modulators. An MCLKA
frequency of 12.288 MHz sets a modulator sampling rate of 3.072 MHz and a output sample
rate of 48 kHz. MCLKA must be connected to MCLKD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com