Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic CS5451A Datasheet HTML 13Page - Cirrus Logic CS5451A Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS5451A
10
DS635PP1
CS5451A typical inputs and power supply connec-
tions.
3.2
Performing Measurements
The converter outputs are transferred in 16-bit
signed (two’s complement) data formats as a per-
centage of full scale. Table 1 below illustrates the
ideal relationship between the differential voltage
presented to any one of the input channels and the
corresponding output code. Note that for the cur-
rent channels, the state of the GAIN input pin is as-
sumed to driven low such that the PGA gain on the
current channels is 1x. If the PGA gain of the cur-
rent channels is set to 20x, a +40 mV differential
voltage is presented across any pair of “IINk+” and
“IINk-” pins (k = 1, 2, 3) would cause a (nominal)
output code of 32767.
Table 1. Nominal Relationship for Differential Input
Voltage vs. Output Code, for all channels. (Assume PGA
gain is set to 1x.)
3.3
High Rate Digital Filters
If the OWRS pin is set to logic low, the high-rate
filters are implemented as fixed sinc3 filters with
the following transfer function:
This filter samples the modulator bit stream at
XIN/8 Hz and decimates to XIN/2048 Hz.
If the OWRS pin is set to logic high, then the trans-
fer function is
The above filter samples the modulator bit stream
at XIN/8 Hz and decimates to XIN/1024 Hz.
3.4
Serial Interface
The CS5451A communicates with a target device
via a master serial data output port. Output data is
provided on the SDO output synchronous with the
SCLK output. A third output, FSO, is a framing
signal used to signal the start of output data. These
three outputs will be driven as long as the SE (serial
enable) input is held high. Otherwise, these outputs
will be high impedance.
Data out (SDO) changes as a result of SCLK fall-
ing, and always outputs valid data with SCLK ris-
ing. When data is being transferred, the SCLK
frequency is either 1/8 of the XIN input frequency
(when OWRS is held low) or 1/4 of the XIN input
frequency (when OWRS is held high). Any other
time, SCLK is held low. (See Figures 3 and 4.)
The framing signal (FSO) output is normally low,
but produces a high level pulse lasting one SCLK
period when the instantaneous voltage/current data
samples are about to be transmitted out of the serial
Differential Input
Voltage (mV)
Output Code
(hexadecimal)
Output Code
(decimal)
+800
7FFF
32767
0.0122 to 0.0366
0001
1
-0.0122 to 0.0122
0000
0
-0.0122 to -0.0366
FFFF
-1
-800
8000
-32768
Hz
()
1z
256
1z
1
----------------------


 3
=
Hz
()
1z
128
1z
1
----------------------


 3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com