Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMKB401ADA Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMKB401ADA
Description  Low ESR, 105?
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMKB401ADA Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMKB401ADA Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low ESR, 105
℃
AIchipTM-
MKB
Series
・Low ESR
・Endurance : 3,000 hours at 105℃
・Rated voltage 400V, Capacitance 2.2 to 4.7μF
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf life
Items
-40 to +105
℃
400Vdc
±20%(M)
I=0.04CV+100(max.)
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage(Vdc)
tanδ (Max.)
Rated voltage(Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 3,000 hours
at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
400V
0.25
400V
6
10
(at 20
℃ after 1 minute)
◆DIMENSIONS [mm]
L±0.5
0.3max.
A±0.2
W
●
Terminal Code : A
Vent for JA0
Size code
HA0
JA0
D
8
10
L
10.0
10.0
A
8.3
10.3
B
8.3
10.3
C
9.0
11.0
W
0.7 to 1.1
0.7 to 1.1
P
3.1
4.5
◆MARKING
6A
3.9
2GKB
EX) 400V3.9
µF
Rated voltage (Vdc)
400
Symbol
2G
●
Rated voltage symbol
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Size code
ESR
(
Ωmax/120Hz)
Rated ripple current
(mArms/105
℃,120Hz)
Part No.
20
℃
-40
℃
400
EMKB401ADA2R2MHA0G
26
1,000
20
HA0
2.2
EMKB401ADA3R3MJA0G
37
500
10
JA0
3.3
EMKB401ADA3R9MJA0G
38
500
10
JA0
3.9
EMKB401ADA4R7MJA0G
39
500
10
JA0
4.7
◆PART NUMBERING SYSTEM
1
2
3
4
5
6
7
8
9
10
11 12 13
14
15 16 17
18
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 2.2
µF:2R2)
Taping code
Terminal code
Voltage code
Series code
Category
E M K B 4 0 1 A D A A A A
A A A G
M
Please refer to "Product code guide (surface mount type)"
Frequency(Hz)
120
1k
10k
100k
400Vdc
1.00
1.30
1.40
1.50
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
102
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMKB401ADA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EMKB401ADA2R2MHA0G NPC-EMKB401ADA2R2MHA0G Datasheet
39Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMKB401ADA3R3MJA0G NPC-EMKB401ADA3R3MJA0G Datasheet
39Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMKB401ADA3R9MJA0G NPC-EMKB401ADA3R9MJA0G Datasheet
39Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMKB401ADA4R7MJA0G NPC-EMKB401ADA4R7MJA0G Datasheet
39Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMKB401ADA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
AVX Corporation
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
Low ESR
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
United Chemi-Con, Inc.
EMZJ6R3ADA CHEMI-CON-EMZJ6R3ADA Datasheet
475Kb / 2P
Low ESR, 105?
EMZJ100ADA CHEMI-CON-EMZJ100ADA Datasheet
475Kb / 2P
Low ESR, 105?
EMZJ160ADA CHEMI-CON-EMZJ160ADA Datasheet
475Kb / 2P
Low ESR, 105?
EMZJ250ADA CHEMI-CON-EMZJ250ADA Datasheet
475Kb / 2P
Low ESR, 105?
EMZJ350ADA CHEMI-CON-EMZJ350ADA Datasheet
475Kb / 2P
Low ESR, 105?
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
Low ESR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com