Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCL
Description  SMD Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCL Datasheet(HTML) 1 Page - jb Capacitors Company

  JCL_15 Datasheet HTML 1Page - jb Capacitors Company JCL_15 Datasheet HTML 2Page - jb Capacitors Company JCL_15 Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Ø
Wide temperature range -55~+105℃.
Ø
Load life of 3000~5000 hours.
Ø
Comply with the RoHS directive.
SPECIFICATIONS
Operating Temperature
-55℃ ~+105℃
Voltage Range
6.3V~100V.DC
Capacitance Range
0.1 ~ 1500μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ10) ≤0.01CV or 3μA, whichever is greater
(After 2 minutes application of rated voltage)
Leakage current (Φ12.5~Φ16) ≤0.03CV or 4μA, whichever is greater
(After 1 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
6.3
10
16
25
35
50~100
Φ
4~Φ10
0.28
0.24
0.20
0.16
0.13
0.12
Tan δ
(Max.)
Φ
12.5~Φ16
0.38
0.34
0.30
0.26
0.22
0.18
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
63
100
Z(-25℃)/
Z(20℃)
3
3
2
2
2
2
2
2
Φ
4~Φ10
Z(-55℃)/
Z(20℃)
8
5
4
3
3
3
3
3
Z(-25℃)/
Z(20℃)
5
4
3
2
2
2
2
2
Impedance
Ratio
ZT/Z20
(Max.)
Φ
12.5~Φ16
Z(-55℃)/
Z(20℃)
12
10
8
5
4
3
3
3
Load Life
After 5000 hrs. (3000 hrs. for Φ4~Φ6.3*5.4&Φ8*6.2) application of the rated voltage at 105℃,
They meet the characteristics listed below.
Capacitance Change
Within ±30% of initial value
Dissipation Factor
300% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 105℃ for 1000 hours,
They meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed at right.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ6.3*7.7
*3 Applicable toΦ8*10.5~Φ10
*4 Applicable toΦ12.5~Φ16.
SMD Aluminum Electrolytic Capacitor – JCL
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCL_15

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL_17 Datasheet
295Kb / 3P
Aluminum Electrolytic Capacitor
More results

Similar Description - JCL_15

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_15 Datasheet
398Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCK JBCAPACITORS-JCK_15 Datasheet
387Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCC JBCAPACITORS-JCC_15 Datasheet
190Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_17 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_17 Datasheet
350Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_17 Datasheet
357Kb / 3P
SMD Aluminum Electrolytic Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com