Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6544C Datasheet(PDF) 1 Page - Analog Power

Part # AM6544C
Description  P & N-Channel 20-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6544C Datasheet(HTML) 1 Page - Analog Power

  AM6544C Datasheet HTML 1Page - Analog Power AM6544C Datasheet HTML 2Page - Analog Power AM6544C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM6544C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM6544_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
P & N-Channel 20-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
TSSOP-8 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
TSSOP-8
Top View
D1
S1
S1
1
2
3
D
1
S
1
G
1
N-Channel MOSFET
4
G1
D2
S2
S2
8
7
6
5
G2
S
2
D
2
G
2
P-Channel MOSFET
VDS (V)
rDS(on) m(Ω)ID (A)
32 @ VGS = 10V
4.3
46 @ VGS = 4.5V
3.7
52 @ VGS = -10V
-3.8
80 @ VGS = -4.5V
-2.8
30
PRODUCT SUMMARY
-30
Symbol N-Channel
P-Channel Units
VDS
30
-30
VGS
±20
±20
TA=25
oC
4.3
-3.8
TA=70
oC
3.5
-3.0
IDM
20
-20
IS
1.0
-1.0
A
TA=25
oC
1.14
1.14
TA=70
oC0.73
0.73
TJ, Tstg
-55 to 150
-55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Typ
Max
t <= 10 sec
88
110
Steady State
120
150
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
oC/W
RthJA
Parameter


Similar Part No. - AM6544C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6546 TI1-AM6546 Datasheet
3Mb / 299P
Sitara Processors
AM6546 TI1-AM6546 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM6546 TI-AM6546 Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
AM6546ACD TI-AM6546ACD Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
AM6546BACDXA TI-AM6546BACDXA Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results

Similar Description - AM6544C

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
N- and P-Channel 20-V (D-S) MOSFET
16-May-05
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
N- and P-Channel 20-V (D-S) MOSFET
20-Mar-06
logo
Analog Power
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com