Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5000M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D5000M
Description  Modbus RTU or DGH ASCII communications protocol
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D5000M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D5000M Datasheet HTML 1Page - List of Unclassifed Manufacturers D5000M Datasheet HTML 2Page - List of Unclassifed Manufacturers D5000M Datasheet HTML 3Page - List of Unclassifed Manufacturers D5000M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D5000M SERIES FOUR CHANNEL
SENSOR TO COMPUTER INTERFACE MODULES
D5000M FEATURES
• Four analog input channels.
• Complete sensor to RS-485 or RS-232 interface.
• Modbus RTU or DGH ASCII communications protocol.
• 500V rms analog input isolation.
• 15 bit measurement resolution.
• Continuous self-calibration; no adjustments of any kind.
• Programmable digital filter.
• Requires +10V to +30Vdc unregulated supply.
• Transient suppression on RS-485 communications lines.
• Screw terminal plug connectors supplied.
• CE marked.
APPLICATIONS
• Process monitoring and control
• Remote data logging to any host computer
• Product testing
• Direct connection to modems
• Direct connection to PLC.
GENERAL DESCRIPTION
The D5000M series are similar to the D5000 series but
use the Modbus RTU protocol for communication. The
modules convert four analog input signals to engineering
units and transmit in ASCII format to any host with stan-
dard RS-485 or RS-232 ports. These modules can
measure temperature, voltage and current. The modules
provide direct connection to a wide variety of sensors and
perform all signal conditioning, scaling, linearization and
conversion to engineering units.
The modules contain no pots or switches to be set.
Features such as address, baud rate, parity, echo, and
scaling are selectable using simple commands over the
communications port—without requiring access to the
module. The selections are stored in nonvolatile
EEPROM which maintains data even after power is
removed.


Similar Part No. - D5000M

ManufacturerPart #DatasheetDescription
logo
Dubilier
D5000 DUBILIER-D5000 Datasheet
95Kb / 1P
ALKALINE
logo
Agilent(Hewlett-Packard...
D5000 HP-D5000 Datasheet
432Kb / 2P
Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Highly Electric Co., Lt...
D5000 HIGHLY-D5000 Datasheet
1Mb / 4P
D COMPACT ENCLOSED SWITCH
More results

Similar Description - D5000M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
Wireless Modbus RTU Gateway
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
2702771 PHOENIX-2702771 Datasheet
81Kb / 5P
The GW MODBUS TCP/ASCII... converts RAW or ASCII serial strings into Modbus registers.
2702772 PHOENIX-2702772 Datasheet
80Kb / 5P
The GW EIP/ASCII... converts RAW or ASCII serial strings into EtherNet/IP??protocol.
logo
Moxa Inc.
4101-MB-PBS MOXA-4101-MB-PBS Datasheet
730Kb / 5P
1-port Modbus RTU/ASCII-to-PROFIBUS slave gateways
5103 MOXA-5103 Datasheet
734Kb / 6P
1-port Modbus RTU/ASCII/TCP/EtherNet/IP-to-PROFINET gateways
5105-MB-EIP MOXA-5105-MB-EIP Datasheet
726Kb / 5P
1-port MQTT-supported Modbus RTU/ASCII/TCP-to-EtherNet/IP gateways
5109 MOXA-5109 Datasheet
751Kb / 6P
1-port Modbus RTU/ASCII/TCP-to-DNP3 serial/TCP/UDP gateways
5114 MOXA-5114 Datasheet
980Kb / 5P
1-port Modbus RTU/ASCII/TCP/IEC 101-to-IEC 104 gateways
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
Wireless Modbus RTU Gateway
20-Sep-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com