Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7513 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7513 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7513 Datasheet HTML 1Page - Texas Instruments DAC7513 Datasheet HTML 2Page - Texas Instruments DAC7513 Datasheet HTML 3Page - Texas Instruments DAC7513 Datasheet HTML 4Page - Texas Instruments DAC7513 Datasheet HTML 5Page - Texas Instruments DAC7513 Datasheet HTML 6Page - Texas Instruments DAC7513 Datasheet HTML 7Page - Texas Instruments DAC7513 Datasheet HTML 8Page - Texas Instruments DAC7513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
APPLICATIONS
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q CLOSED-LOOP SERVO-CONTROL
q PC PERIPHERALS
q PORTABLE INSTRUMENTATION
q PROGRAMMABLE ATTENUATION
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7513 is a low-power, single, 12-bit buffered voltage
output Digital-to-Analog Connector (DAC). The on-chip preci-
sion output amplifier allows rail-to-rail output swing to be
achieved. The DAC7513 uses a versatile 3-wire serial inter-
face that operates at clock rates up to 30MHz and is compat-
ible with standard SPI, QSPI, Microwire, and DSP inter-
faces.
The DAC7513 requires an external reference voltage to set
the output range of the DAC, this allows the DAC7513 to be
used in a multiplying mode. The DAC7513 incorporates a
power-on reset circuit which ensures that the DAC output
powers up at 0V and remains there until a valid write takes
place to the device. The DAC7513 contains a power-down
feature, accessed over the serial interface, that reduces the
current consumption of the device to 200nA at 5V.
The low-power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equip-
ment. The power consumption is 0.5mW at 5V reducing to
1
µW in power-down mode.
The DAC7513 is available in an SOT23-8 package and an
MSOP-8 package.
DAC7513
FEATURES
q microPOWER OPERATION: 115
µA at 5V
q POWER-ON RESET TO ZERO
q POWER SUPPLY: +2.7V to +5.5V
q ENSURED MONOTONIC BY DESIGN
q SETTLING TIME: 10
µs to 1LSB
q LOW-POWER SERIAL INTERFACE WITH
SCHMITT-TRIGGERED INPUTS
q ON-CHIP OUTPUT BUFFER AMPLIFIER,
RAIL-TO-RAIL OPERATION
q SYNC INTERRUPT FACILITY
q SOT23-8 AND MSOP-8 PACKAGES
Shift Register
12
DAC Register
12
12-Bit DAC
Ref (+)
Power-Down
Control Logic
Resistor
Network
V
DD
GND
V
OUT
V
FB
SYNC
V
REF
CLK
D
IN
SPI and QSPI are registered trademarks of Motorola.
Microwire is a registered trademark of National Semiconductor.
DAC7513
SBAS157A – OCTOBER 2000 – REVISED MARCH 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000, 2003 Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - DAC7513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7513 TI2-DAC7513 Datasheet
794Kb / 28P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2003
DAC7513E TI2-DAC7513E Datasheet
794Kb / 28P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2003
DAC7513E/250 TI1-DAC7513E/250 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/250 TI2-DAC7513E/250 Datasheet
794Kb / 28P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2003
DAC7513E/250.B TI2-DAC7513E/250.B Datasheet
794Kb / 28P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2003
More results

Similar Description - DAC7513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com