Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8571 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3 mm x 5 mm
www.ti.com
_
+
16 Bit DAC
DAC Register
I2C Block
Power Down
Control Logic
Resistor
Network
16
Ref +
VREF
VDD
SDA
SCL
A0
GND
V(SENSE)
VOUT
Temporary Register
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG
CONVERTER
FEATURES
DESCRIPTION
Micropower Operation: 160 µA @ 5 V
The DAC8571 is a small low-power, 16-bit voltage
Power-On Reset to Zero
output DAC with an I2C compatible two-wire serial
interface. Its on-chip precision output amplifier allows
Single Supply: +2.7 V to +5.5 V
rail-to-rail
output
swing
and
settles
within
10
16-Bit Monotonic
microseconds. The DAC8571 architecture is 16-bit
Settling Time: 10 µs to
±0.003% FSR
monotonic, and factory trimming typically achieves
±4
I2C™ Interface With High-Speed Mode
mV absolute accuracy at all codes. The DAC8571
requires an external reference voltage to set its output
Supports Data Receive and Transmit
voltage range.
On-Chip Rail-to-Rail Output Buffer
Double-Buffered Input Register
The low power consumption and small size of this part
make it ideally suited to portable battery operated
Supports Synchronous Multichannel Update
equipment. The power consumption is typically 800 µW
Offset Error:
±1 mV max at 25°C
at VDD = 5 V reducing to 1 µW in power-down mode.
Full-Scale Error:
±3 mV max at 25°C
The DAC8571 incorporates a 2-wire I2C interface.
Small 8 Lead MSOP Package
Standard, fast, and high-speed modes of I2C operation
are all supported up to 3.4 MHz serial clock speeds.
APPLICATIONS
Multichannel
synchronous
data
update
and
Process Control
power-down operations are supported through the I2C
bus. DAC8571 is also capable of transmitting the con-
Data Acquisition Systems
tents of its serial shift register, a key feature for I2C
Closed-Loop Servo Control
system verification.
PC Peripherals
The DAC8571 is available in an 8-lead MSOP package
Portable Instrumentation
and is specified over -40
°C to 105°C.
I2C is a trademark of Philips Corporation.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002 – 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - DAC8571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI2-DAC8571 Datasheet
807Kb / 32P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
REVISED JULY 2003
DAC8571IDGK TI1-DAC8571IDGK Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
DAC8571IDGK TI2-DAC8571IDGK Datasheet
807Kb / 32P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
REVISED JULY 2003
DAC8571IDGK.B TI2-DAC8571IDGK.B Datasheet
807Kb / 32P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
REVISED JULY 2003
DAC8571IDGKG4 TI1-DAC8571IDGKG4 Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
More results

Similar Description - DAC8571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI-DAC5574 Datasheet
519Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574IPWG4 TI-DAC8574IPWG4 Datasheet
1Mb / 45P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com