Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8571 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
www.ti.com
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION
Product
Package
Package Desig-
Specified Temperature
Package
Ordering Number
Transport Me-
nator
Range
Marking
dia, Quantity
DAC8571
8-MSOP
DGK
-40
°C to +105°C
D871
DAC8571IDGK
Tube, 80
DAC8571IDGKR
Tape & Reel,
2500
ABSOLUTE MAXIMUM RATINGS (1)
DAC8571
VDD to GND
-0.3 V to +6 V
Digital input voltage to GND
-0.3V to VDD + 0.3V
VOUT to GND
-0.3V to +VDD + 0.3V
Operating temperature range
-40
°C to + 105°C
Storage temperature range
-65
°C to +150°C
Junction temperature range (TJmax)
+ 150
°C
Θ
JAThermal impedance
260
°C/W
Θ
JCThermal impedance
44
°C/W
Lead temperature, soldering
Vapor phase
215
°C
(60s)
Infrared (15s)
220
°C
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; low power mode; all specifications -40°C to 105°C (unless
otherwise noted)
DAC8571
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1)
Resolution
16
Bits
Relative accuracy
±0.098
% of FSR
Differential nonlinearity
Monotonic by design
±0.25
±1
LSB
Offset error
Measured at code 485, 25
°C
0.3
±1.0
mV
Measured at code 485, -40
°C...105°C
1.0
±5.0
Full-scale error
Measured at code 64714, 25
°C
0.5
±3.0
mV
Measured at code 64714, -40
°C...105°C
1.0
±5.0
Gain error
Measured at code 64714, 25
°C
1.0
±3.0
mV
Measured at code 64714, -40
°C...105°C
2.0
±5.0
Zero code error drift
All zeroes loaded to DAC register
-20
µV/
°C
Gain temperature coefficient
-5
ppm of FSR/
°C
Absolute accuracy
All codes from code 485 to code 64714, 25
°C
±2.5
mV
All codes from code 485 to code 64714,
±3.5
-40
°C...105°C
(1)
Linearity calculated using a reduced code range of 485 to 64714. Output unloaded.
3



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com