Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14285 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS14285
Description  Real Time Clock with NV RAM Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS14285 Datasheet HTML 1Page - Dallas Semiconductor DS14285 Datasheet HTML 2Page - Dallas Semiconductor DS14285 Datasheet HTML 3Page - Dallas Semiconductor DS14285 Datasheet HTML 4Page - Dallas Semiconductor DS14285 Datasheet HTML 5Page - Dallas Semiconductor DS14285 Datasheet HTML 6Page - Dallas Semiconductor DS14285 Datasheet HTML 7Page - Dallas Semiconductor DS14285 Datasheet HTML 8Page - Dallas Semiconductor DS14285 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DS14285/DS14287
2 of 25
ORDERING INFORMATION
DS14285
RTC Chip; 24-pin DIP
DS14285N
RTC Chip; 24-pin DIP; Industrial Temp Range
DS14285S
RTC Chip; 24-pin SOIC
DS14285SN
RTC Chip; 24-pin SOIC; Industrial Temp Range
DS14285Q
RTC Chip; 28-pin PLCC
DS14285QN
RTC Chip; 28-pin PLCC; Industrial Temp Range
DS14287
RTC Module; 24-pin DIP
PIN DESCRIPTION
AD0-AD7
- Multiplexed Address/Data Bus
NC
- No Connection
MOT
- Bus Type Select (DS14285Q only)
CS
- Chip Select
AS
- Address Strobe
R/ W
- Read/Write Input
DS
- Data Strobe
RESET
- Reset Input
IRQ
- Interrupt Request Output
SQW
- Square Wave Output
VCC
- +5V Supply
GND
- Ground
VCCO
- RAM Power Supply Output
CEI
- RAM Chip Enable In
CEO
- RAM Chip Enable Out
X1, X2
- 32.768 kHz Crystal Connections
VBAT
- +3V Battery Input
DESCRIPTION
The DS14285/DS14287 Real Time Clock with NVRAM Control provides the industry standard DS1287
clock function with the additional feature of providing nonvolatile control for an external SRAM.
Functions include a nonvolatile time-of-day clock, alarm, 100-year calendar, programmable interrupt,
square wave generator, and 114 bytes of nonvolatile static RAM. For the DS14287 a lithium energy
source, quartz crystal, and write protection circuitry are contained within a 24-pin dual in-line package.
The DS14285 requires an external quartz crystal connected to the X1 and X2 pins as well as an external
energy source connected to the VBAT pin. A standard 32.768 kHz quartz crystal can be directly connected
to the DS14285 via pins 1 and 2 (X1, X2). The crystal selected for use should have a specified load
capacitance (CL) of 6 pF. For more information on crystal selection and crystal layout considerations,
please consult Application Note 58, “Crystal Considerations with Dallas Real-time Clocks.”
The DS14285/DS14287 uses its backup energy source and battery-backup controller to make a standard
CMOS static RAM nonvolatile during power-fail conditions. During power fail, the DS14285/DS14287
automatically write-protects the external SRAM and provides a VCC output sourced from its internal
battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com