Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2129H3 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF2129H3
Description  20V Dual P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2129H3 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF2129H3 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2129H3 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2129H3 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2129H3 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2129H3 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2129H3 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSF2129H3
20V Dual P-Channel MOSFET
www.goodark.com
Page 3 of 6
Rev.1.0
Test Circuits and Waveforms
Switch Waveforms:
Notes:
①Calculated continuous current based on maximum allowable junction temperature.
②Repetitive rating; pulse width limited by max junction temperature.
③The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
④These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=150°C.
Gate charge test circuit:
Switching time test circuit:
EAS test circuit:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com