Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2770AE/R Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2770AE/R
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE/R Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2770AE/R Datasheet HTML 9Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 10Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 11Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 12Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 13Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 14Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 15Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 16Page - Dallas Semiconductor DS2770AE/R Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DS2770
13 of 27
MEMORY MAP Figure 11
ADDRESS (HEX)
DESCRIPTION
R/W
00
Reserved
01
Status Register
R**
02
Elapsed Time Register MSB
R/W
03
Elapsed Time Register LSB
R/W
04 to 05
Reserved
06
Charge Time Register
R/W
07
EEPROM Register
R/W
08 to 0B
Reserved
0C
Voltage Register MSB
R
0D
Voltage Register LSB
R
0E
Current Register MSB
R
0F
Current Register LSB
R
10
Accumulated Current Register MSB
R/W
11
Accumulated Current Register LSB
R/W
12 to 17
Reserved
18
Temperature Register MSB
R
19
Temperature Register LSB
R
1A to 1F
Reserved
20 to 2F
Lockable EEPROM Block 0
R/W*
30 to 3F
Lockable EEPROM Block 1
(31 = Status Register Initialization)
(32 to 33 = Current Offset Register)
(34 = Charge Time Register Initialization)
R/W*
40 to 47
Lockable EEPROM Block 2
R/W*
48 to 7F
Reserved
80 to 8F
General-Purpose SRAM
R/W
90 to FF
Reserved
* The lockable EEPROM address locations 20h through 47h are writeable until locked by using the Lock
function command [6Axxh], after which it is read only.
** The Status Register bits are read only. However, writing any byte value to the Status Register is
required to clear a previous charge completion condition flagged with both CSTAT1, CSTAT0 bits set.
STATUS REGISTER
The default values for the Status Register are stored in lockable EEPROM in the corresponding bits of
address 31h. These values in address location 31h are supplied directly to the Status Register (not from
shadow RAM) on either a device power-up or upon execution of the Refresh command. Changes to the
Status Register bits must be made to the EEPROM location 31h, and then use the Refresh command to
recall the changes to the Status Register. Figure 12 shows the format of the Status Register. The function
of each bit is described in detail in the following paragraphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com