Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2125CS Datasheet HTML 5Page - Intersil Corporation EL2125CS Datasheet HTML 6Page - Intersil Corporation EL2125CS Datasheet HTML 7Page - Intersil Corporation EL2125CS Datasheet HTML 8Page - Intersil Corporation EL2125CS Datasheet HTML 9Page - Intersil Corporation EL2125CS Datasheet HTML 10Page - Intersil Corporation EL2125CS Datasheet HTML 11Page - Intersil Corporation EL2125CS Datasheet HTML 12Page - Intersil Corporation EL2125CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7045.2
April 21, 2005
FIGURE 29. CMRR
FIGURE 30. PSRR
FIGURE 31. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 32. BANDWIDTH vs TEMPERATURE
FIGURE 33. SLEW RATE vs SWING
FIGURE 34. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
-110
-10
10
100M
FREQUENCY (Hz)
-70
-30
-50
-99
100
10M
1K
10K 100K
1M
10
50
30
10K
10M
70
90
110
100K
100M
FREQUENCY (Hz)
1M
PSRR-
PSRR+
600M
0.001
0.1
0.01
10K
1
10
100
FREQUENCY (Hz)
100M
100K
1M
10M
200
160
40
0
-40
160
TEMPERATURE (°C)
120
80
80
0
40
120
3.5
3
2.5
1.5
2
1
0.5
0
BANDWIDTH
PEAKING
100
200
150
0
250
300
350
VOUT SWING (VPP)
20
510
15
5VSR-
15VSR+
15VSR-
5VSR+
13
12
11
9
10
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com