Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CSZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL2125CSZ Datasheet HTML 1Page - Intersil Corporation EL2125CSZ Datasheet HTML 2Page - Intersil Corporation EL2125CSZ Datasheet HTML 3Page - Intersil Corporation EL2125CSZ Datasheet HTML 4Page - Intersil Corporation EL2125CSZ Datasheet HTML 5Page - Intersil Corporation EL2125CSZ Datasheet HTML 6Page - Intersil Corporation EL2125CSZ Datasheet HTML 7Page - Intersil Corporation EL2125CSZ Datasheet HTML 8Page - Intersil Corporation EL2125CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7045.2
April 21, 2005
IN
Current Noise Spectral Density
10kHz
2.1
pA/
√Hz
HD2
2nd Harmonic Distortion (Note 3)
-73
dBc
HD3
3rd Harmonic Distortion
-96
dBc
NOTES:
1. Measured by moving the supplies from ±13.5V to ±16.5V
2. Pulse test only
3. Frequency = 1MHz, VOUT = 2VP-P, into 500Ω and 5pF load
Electrical Specifications
VS = ±15V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 3. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 4. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
5
-5
1M
10M
100M
FREQUENCY (Hz)
0
RF=1kΩ
RF=499Ω
RF=180Ω
RF=100Ω
VS=±5V
AV=10
RL=500Ω
CL=5pF
200M
5
0
-5
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=180Ω
RF=700Ω
RF=100Ω
RF=499Ω
VS=±15V
AV=10
RL=500Ω
CL=5pF
300M
6
2
-2
-6
-10
-14
1M
10M
100M
300M
FREQUENCY (Hz)
VS=±5V
AV=-10
RL=560Ω
CL=5pF
RF=1kΩ
RF=350Ω
RF=200Ω
RF=97.6Ω
RF=499Ω
6
2
-2
-6
-10
-14
1M
10M
100M
300M
FREQUENCY (Hz)
RF=1kΩ
RF=350Ω
RF=200Ω
RF=499Ω
RF=97.6Ω
VS=±15V
AV=-10
RL=500Ω
CL=5pF
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com