Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2286CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2286CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2286CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2286CS Datasheet HTML 3Page - Intersil Corporation EL2286CS Datasheet HTML 4Page - Intersil Corporation EL2286CS Datasheet HTML 5Page - Intersil Corporation EL2286CS Datasheet HTML 6Page - Intersil Corporation EL2286CS Datasheet HTML 7Page - Intersil Corporation EL2286CS Datasheet HTML 8Page - Intersil Corporation EL2286CS Datasheet HTML 9Page - Intersil Corporation EL2286CS Datasheet HTML 10Page - Intersil Corporation EL2286CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves (Continued)
Input Bias Current
vs Die Temperature
Short-Circuit Current
vs Die Temperature
Transimpedance (ROL)
vs Die Temperature
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Non-Inverting Gains
-3dB Bandwidth vs
Die Temperature for
Various Inverting Gains
Input Offset Voltage
vs Die Temperature
Supply Current vs
Die Temperature
Input Voltage Range
vs Die Temperature
Slew Rate vs
Die Temperature
EL2186, EL2286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com