Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIFB7540 Datasheet(PDF) 1 Page - Analog Power

Part # AMIFB7540
Description  N-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMIFB7540 Datasheet(HTML) 1 Page - Analog Power

  AMIFB7540 Datasheet HTML 1Page - Analog Power AMIFB7540 Datasheet HTML 2Page - Analog Power AMIFB7540 Datasheet HTML 3Page - Analog Power AMIFB7540 Datasheet HTML 4Page - Analog Power AMIFB7540 Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AMIFB7540
N-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
60
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
110
IDM
430
TC=25°C
IS
110
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
Continuous Source Current (Diode Conduction)
a
Gate-Source Voltage
PRODUCT SUMMARY
60
rDS(on) (mΩ)
5.1 @ VGS = 10V
7.5 @ VGS = 6.5V
110
a
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
A
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Automotive Systems
• DC/DC Conversion Circuits
• Battery Powered Power Tools
DRAIN
connected
to TAB
© Preliminary
1
Publication Order Number:
DS_AMIFB7540_1B


Similar Part No. - AMIFB7540

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMIFB4115 ANALOGPOWER-AMIFB4115 Datasheet
485Kb / 5P
N-Channel 150-V (D-S) MOSFET
AMIFB4310N ANALOGPOWER-AMIFB4310N Datasheet
454Kb / 5P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AMIFB7540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com