Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZTR Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMCT03-ACZTR
Description  1C TRIPLE SMBUS TEMPERATURE SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZTR Datasheet(HTML) 1 Page - SMSC Corporation

  EMCT03-ACZTR Datasheet HTML 1Page - SMSC Corporation EMCT03-ACZTR Datasheet HTML 2Page - SMSC Corporation EMCT03-ACZTR Datasheet HTML 3Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMSC EMCT03
PRODUCT PREVIEW
Revision 2.1 (09-03-04)
Data Brief
EMCT03
1°C Triple SMBus
Temperature Sensor
General Description
The EMCT03 is a System Management Bus (SMBus)
temperature sensor that is capable of monitoring three
temperature zones for a PC or embedded environment.
The three temperature zones consist of two external and
one internal temperature diode. The internal 11 bit
sigma-delta ADC architecture with digital filtering
attributes to superb linearity and immunity to
interference and noise. An extended temperature format
may be selected for compatibility with a broad range of
CPUs. Selectable conversion rates and standy mode
support low-power operation.
Applications
■ Desktop and Notebook Computers
■ Thermostats
■ Smart batteries
■ Industrial / Automotive
Features
■ Low Power; 3.0V to 3.6V Supply
— Programmable conversion rate
— < 1mA at 16 Conversions per Second
— < 3uA in Standy Mode
■ SMBus 2.0 Compliant interface
■ Two External Temperature Monitors:
— Range -64
°C to +191°C
— 0.125
°C resolution
—
±1°C Accuracy 40°C to 80°C
— Diode Fault Reporting
■ Internal Temperature Monitor
— Range 0
°C to +85°C
— 0.125
°C resolution
—
±3°C Accuracy 0°C to 85°C
■ Programmable Conversion Rate
■ MSOP-8 3x3mm Package
Simplified Block Diagram
EMCT03
Local Temp
Diode
Switching
Current
SMCLK
Local Temp
Register
Configuration
Register
Status Register
Remote Temp
Register 1
Remote Temp
Register 2
SMDATA
11-bit
Sigma Delta
ADC
DP1
DN1
DP2
DN2
Digital Mux
and
Byte Interlock


Similar Part No. - EMCT03-ACZTR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMCT03-ACZB SMSC-EMCT03-ACZB Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
EMCT03-ACZB-TR SMSC-EMCT03-ACZB-TR Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
EMCT03-ACZL SMSC-EMCT03-ACZL Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
EMCT03-ACZL-TR SMSC-EMCT03-ACZL-TR Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
More results

Similar Description - EMCT03-ACZTR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
1C Dual SmBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
1C Triple Temperature Sensor with Hotter of Two Zones
EMC1043 SMSC-EMC1043_07 Datasheet
593Kb / 29P
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
EMC1182 SMSC-EMC1182 Datasheet
565Kb / 48P
Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
1째C Triple SMBus Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com