Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1086CT2.5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GS1086CT2.5
Description  1.5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1086CT2.5 Datasheet(HTML) 6 Page - Vishay Siliconix

  GS1086CT2.5 Datasheet HTML 1Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 2Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 3Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 4Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 5Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS1086
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74801
6
12-Mar-02
3.15
2.90
6.80
6.30
Top View
7.30
6.70
3.70
3.30
0.80
0.60
12
3
1.80
Max.
13
° ±3°
0.12
0.02
2.30
Typ.
0.35
0.24
0.91
Min.
SOT-223
Dimensions in millimeters
9.65
10.29
8.63
9.66
14.60
15.88
1
23
4.06
4.83
1.14
1.40
0.7 (max.)
2.28
2.80
0.50
1.00
1.14
1.40
2.54 (TYP.)
1.40 (max.)
TO-263
10.66
9.66
6.35 Max.
3.42
2.54
4.08
3.54
6.85
5.85
16.51
14.23
14.73
12.70
1.77
1.15
1.01
0.38
2.79
2.29
(with plating)
4.82
3.56
1.39
0.51
1.14
0.31
2.92
2.04
(with plating)
TO-252 (DPAK)
5.59
5.33
10.42
9.40
5.46
5.21
6.73
6.35
0.58
0.46
2.38
2.19
2.28 (TYP.)
0.88
0.64
1
3
2
1.27
1.02
0.51 (min.)
TO-220
Case Outlines



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com